Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3565 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3565 Datasheet HTML 4Page - Texas Instruments LM3565 Datasheet HTML 5Page - Texas Instruments LM3565 Datasheet HTML 6Page - Texas Instruments LM3565 Datasheet HTML 7Page - Texas Instruments LM3565 Datasheet HTML 8Page - Texas Instruments LM3565 Datasheet HTML 9Page - Texas Instruments LM3565 Datasheet HTML 10Page - Texas Instruments LM3565 Datasheet HTML 11Page - Texas Instruments LM3565 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VIN(V)
VOUT= 8.5V @ 930mA
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
3.94
3.96
3.98
4.00
4.02
4.04
4.06
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
VIN(V)
VOUT= 8.5V @ 930mA
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
2.0
2.2
2.4
2.6
2.8
3.0
3.2
VIN(V)
VOUT= 8.5V @ 930mA
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
0.5
0.6
0.7
0.8
0.9
1.0
VIN(V)
VOUT= 8.5V
CL = 2.3A
CL = 2.6A
CL = 2.9A
CL = 3.3A
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
2.20
2.25
2.30
2.35
2.40
2.46
2.50
2.55
2.60
VIN(V)
VOUT= 8.5V @ 930mA
+25°C
-30°C
+85°C
LM3565
SNVS957 – JANUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN1= 10 µF, CIN2= 0.1 µF, COUT1 = 10 µF, COUT2 = 10 µF, L = 1 µH.
Figure 13. LED Current vs Input Voltage in Current Limit
Figure 14. Inductor Current vs Input Voltage, CL = 2.3A
Figure 15. Inductor Current vs Input Voltage, CL = 2.6A
Figure 16. Inductor Current vs Input Voltage, CL = 2.9A
Figure 17. Inductor Current vs Input Voltage, CL = 3.3A
Figure 18. Frequency vs Input Voltage
8
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com