Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3565TLE/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565TLE/NOPB
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565TLE/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3565TLE/NOPB Datasheet HTML 11Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 12Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 13Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 14Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 15Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 16Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 17Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 18Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
LM3565
www.ti.com
SNVS957 – JANUARY 2013
FUNCTIONAL DESCRIPTION
Circuit Description
Overview
The LM3565 is a high-power white LED flash driver capable of delivering up to 930 mA of LED current into two
series LEDs. The device incorporates a 4 MHz constant frequency, synchronous, current mode PWM boost
converter, and a single high-side current source to regulate the LED current over the 2.5V to 5.5V input voltage
range.
Circuit Components
Synchronous Boost Converter
The LM3565 operates in boost mode in LED Flash or Assist operation. In LED boost mode, the PWM converter
switches and maintains at least 300 mV across the current source. This minimum headroom voltage ensures that
the current sink remains in regulation.
High-Side Current Source
The High-Side current source of the LM3565 is capable of driving two LEDs in series. The flash current range is
480 mA to 930 mA in 30 mA steps with a default current equal to 750 mA.
Additionally, the high-side current source is capable of supporting two Assist/Torch current levels (continuous
current) equal to 60 mA (default) or 90 mA.
A/D Converter
An internal 8-bit ADC can be utilized to measure the input voltage and the LED voltage during a flash or assist
event. If the ADC input voltage measurement bit is set to a '1' (IV bit in register 0x09), the digitized value of the
LM3565's input voltage can be read back from the Input Voltage ADC Register (0x0A). The input voltage is
sampled before the start of the flash or assist event if the FON bit in register 0x09 is set to a '0' and 2ms after the
LED current ramp up is completed if it is set to a '1'. The LED voltage can be read back from the LED Voltage
ADC Register (0x0B) if the ADC LED voltage measurement bit is set to a '1' (LV bit in register 0x09). The LED
voltage is sampled 2ms after the LED current is ramped up.
ENABLE Pin
The ENABLE pin on the LM3565 places the part into Shutdown Mode (low) or Standby Mode (high). In
Shutdown Mode, most of the control functionality is disabled. In shutdown, it is possible to enable the part
through the use of the Torch pin. In standby, the LM3565 can be controlled via the I2C-compatible interface or
the Torch and Strobe pins if the part has been configured to do so. The ENABLE pin must be held low before
power is applied to the LM3565.
SDA and SCL Pins
The SDA and SCL pins are the I2C-compatible control interface inputs for the LM3565. SDA is the interface data
input and SCL is the interface clock input.
STROBE Pin
The Strobe pin of the LM3565 provides an external method for initiating a flash or assist event. In most cases,
the Strobe pin is connected to an imaging module so that the image capture and flash event are synchronized.
The Strobe pin is only functional when the LM3565's Output Enable (OEN in 0x07) and Strobe Signal Mode
(SEN in 0x06) bits are set ('1'). The Strobe pin can be configured to be an edge-sensitive or level-sensitive input
by setting the Strobe Signal Usage bit (SSU in 0x06. '1' = Level, '0' = Edge). In edge-sensitive mode, a rising
edge transition ('0' to '1') will start the flash event and the internal flash timer will terminate the event. In level-
sensitive mode, a rising edge transition ('0' to '1') will start the flash event and a falling edge transition ('1' to '0')
or the internal flash timer, which ever occurs first, will terminate the event.
Additionally, the Strobe pin can be used to pulse-width modulate (PWM) the diode current during a flash or assist
event. In flash mode, by setting the PWM bit in the Strobe signaling register (PWM in register 0x06) to a '1', and
toggling the Strobe pin high and low, the diode current will transition between the target flash current and a
reduced current value selected in register 0x06 (SPL3-SPL0). When the Strobe pin is high ('1'), the flash current
is equal to the target LED current. When the Strobe pin is low ('0'), the flash current is equal to the target LED
current minus the reduction current value, or 60 mA, whichever is higher. The diode current is ramped up and
down during the transitions between the full current state and the reduced current state.
Copyright © 2013, Texas Instruments Incorporated
15
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com