Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M36P63C2ZWTQ Datasheet(PDF) 97 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 97 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 93Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 94Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 95Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 96Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 97Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 98Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 99Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 100Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
Table 3-1. Terminal Functions(1) (continued)
TERMINAL
PU
OUTPUT
I/O/Z(2)
DESCRIPTION
or
BUFFER
ZWT
NAME
PD(3)
STRENGTH
BALL NO.
PB2_GPIO10
I/O/Z
General-purpose input/output 10
M_I2C0SCL
I/OD
I2C-0 clock open-drain bidirectional port
Capture/Compare/PWM-3
M_CCP3
I/O
(General-purpose Timer)
Capture/Compare/PWM-0
M_CCP0
I/O
(General-purpose Timer)
USB-0 external power enable
G2
PU
4 mA
M_USB0EPEN
O
(optionally used in the host mode)
M_SSI2CLK
I/O
SSI-2 clock
M_CAN1RX
I
CAN-1 receive data
M_U4RX
I
UART-4 receive data
C_EPWM6A
O
Enhanced PWM-6 output A
C_ADCSOCBO
O
ADC start-of-conversion B
PB3_GPIO11
I/O/Z
General-purpose input/output 11
M_I2C0SDA
I/OD
I2C-0 data open-drain bidirectional port
USB-0 external power error state
M_USB0PFLT
I
(optionally used in the host mode)
G1
PU
4 mA
M_SSI2FSS
I/O
SSI-2 frame
M_U1RX
I
UART-1 receive data
C_EPWM6B
O
Enhanced PWM-6 output B
C_ECAP4
I/O
Enhanced Capture-4 input/output
PB4_GPIO12
I/O/Z
General-purpose input/output 12
M_U2RX
I
UART-2 receive data
M_CAN0RX
I
CAN-0 receive data
M_U1RX
I
UART-1 receive data
N4
PU
4 mA
M_EPI0S23
I/O
EPI-0 signal 23
M_CAN1TX
O
CAN-1 transmit data
M_SSI1TX
O
SSI-1 transmit data
C_EPWM7A
O
Enhanced PWM-7 output A
PB5_GPIO13
I/O/Z
General-purpose input/output 13
Capture/Compare/PWM-5
M_CCP5
I/O
(General-purpose Timer)
Capture/Compare/PWM-6
M_CCP6
I/O
(General-purpose Timer)
Capture/Compare/PWM-0
M_CCP0
I/O
(General-purpose Timer)
M_CAN0TX
O
CAN-0 transmit data
M4
PU
4 mA
Capture/Compare/PWM-2
M_CCP2
I/O
(General-purpose Timer)
M_U1TX
O
UART-1 transmit data
M_EPI0S22
I/O
EPI-0 signal 22
M_CAN1RX
I
CAN-1 receive data
M_SSI1RX
I
SSI-1 receive data
C_EPWM7B
O
Enhanced PWM-7 output B
Copyright © 2012, Texas Instruments Incorporated
Device Pins
97
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com