Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF4208EB1 Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADF4208EB1
Description  Evaluation Board For PLL Frequency Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4208EB1 Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADF4208EB1 Datasheet HTML 1Page - Analog Devices EVAL-ADF4208EB1 Datasheet HTML 2Page - Analog Devices EVAL-ADF4208EB1 Datasheet HTML 3Page - Analog Devices EVAL-ADF4208EB1 Datasheet HTML 4Page - Analog Devices EVAL-ADF4208EB1 Datasheet HTML 5Page - Analog Devices EVAL-ADF4208EB1 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
=
EVAL-ADF4208EB1
FEATURES
Evaluation Board featuring the ADF4208 synthesiser.
Requires only RF and IF VCO's and Loop Filters for dual
PLL.
Complete with SMA connectors, battery, and on board
10MHz Crystal.
Programmable via a serial interface.
Accompanying Software allows complete control of synthesizer
functions from PC using Windows 95/98/NT
Battery Operated: Choice of 3V or 5V supplies
On Board Monitoring of Current and Voltage.
© Analog Devices, Inc., 1999
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781-329-4700
Fax: 781-326-8703
Information furnished by Analog Devices is believed to be accurate and reliable. However,
no responsibility is assumed by Analog Devices for its use, nor for any infringements of
patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of Analog Devices.
Evaluation Board For PLL Frequency
Synthesizer
BLOCK DIAGRAM
REV.PrA 02/00
GENERAL DESCRIPTION
This board is designed to allow the user to evaluate
the performance of the ADF4208 Dual Frequency
Synthesizer for PLL's (Phase Locked Loops). The
block diagram of the board is shown below.
It con-
tains the ADF4208 synthesizer, a pc connector, and
SMA connections for refererence input,
power
supplies and RF and IF output. The board only
requires an RF VCO and loop filter and an IF VCO
and loop filter. A cable is included with the board to
connect to a pc printer port.
The package also contains windows software to allow
easy programming of the synthesizer.
VC O 1
PC C O N NEC TO R
9 V BATTE RY
A D F4208
E V A L-A D F4208E B 1
V
P
VC O2
VTU N
RF
OU T
V
VC O
V
DD
N ot P op ula ted
10 M H z C rystal
AD 77 06
SM A
S ocket
POW E R SW ITCH
ON
OFF
PC C O N NEC TO R
9 V BATTE RY
N ot P op ula ted
RE F
IN
SM A
S ocket
IF
OU T
VC O 2
AD 77 06
VC O1
VTU N
VC O1
FO U T
VC O2
FO U T
RS E T


Similar Part No. - EVAL-ADF4208EB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4212EB1 AD-EVAL-ADF4212EB1 Datasheet
387Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4213EB2 AD-EVAL-ADF4213EB2 Datasheet
452Kb / 6P
2.35GHz Dual Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF421XEB1 AD-EVAL-ADF421XEB1 Datasheet
247Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4252EBZ2 AD-EVAL-ADF4252EBZ2 Datasheet
507Kb / 30P
Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
More results

Similar Description - EVAL-ADF4208EB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4112EB1 AD-EVAL-ADF4112EB1 Datasheet
176Kb / 6P
CDMA Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4113EB1 AD-EVAL-ADF4113EB1 Datasheet
177Kb / 6P
GSM900 Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4113EB2 AD-EVAL-ADF4113EB2 Datasheet
195Kb / 6P
1750MHz Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4118EB1 AD-EVAL-ADF4118EB1 Datasheet
168Kb / 6P
WCDMA Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF411XEB1 AD-EVAL-ADF411XEB1 Datasheet
175Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4212EB1 AD-EVAL-ADF4212EB1 Datasheet
387Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4213EB2 AD-EVAL-ADF4213EB2 Datasheet
452Kb / 6P
2.35GHz Dual Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF421XEB1 AD-EVAL-ADF421XEB1 Datasheet
247Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4153EB1 AD-EVAL-ADF4153EB1 Datasheet
204Kb / 8P
Evaluation Board For Fractional-N PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com