Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF4212EB1 Datasheet(PDF) 2 Page - Analog Devices

Part # EVAL-ADF4212EB1
Description  Evaluation Board For PLL Frequency Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4212EB1 Datasheet(HTML) 2 Page - Analog Devices

  EVAL-ADF4212EB1 Datasheet HTML 1Page - Analog Devices EVAL-ADF4212EB1 Datasheet HTML 2Page - Analog Devices EVAL-ADF4212EB1 Datasheet HTML 3Page - Analog Devices EVAL-ADF4212EB1 Datasheet HTML 4Page - Analog Devices EVAL-ADF4212EB1 Datasheet HTML 5Page - Analog Devices EVAL-ADF4212EB1 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVAL-ADF4212EB1
REV 0 11/00
–2–
Figure 1. Evaluation Board Silkscreen
Figure 2. PC Cable Diagram
1
2
3
7
8
9
11
12
14
15
16
17
18
19
20
21
22
23
24
25
1
2
3
4
5
6
7
8
9
Black - CLK
Brown - DATA
Red - LE
Orange - CE
25 Way Male
D-Type
To
PC Printer Port
9 Way
Female D-Type
To
ADF411X
ADF421X
Evaluation
Board
PC
EVAL-ADF411X
EVAL-ADF421X
White - GND
6
4
5
Blue
Purple
Yellow
13
10
Hardware Description
The evaluation board comes with a cable for connecting to
the printer port of a PC. The silk screen and cable diagram for
the evaluation board are shown below. The board schematic is
shown on pages 3 and 4.
The board is powered from a single 9V battery.
The
power supply ciruitry allows the user to choose either 3V
or 5V for the ADF4212 VDD and VP, and for the VCO
supply.
The default settings are 3V for the ADF4212 VDD
and 5V for the ADF4212 VP and for the VCO supply. It
is very important to note that the ADF4212 VDD should
never exceed the ADF4212 VP. This can damage the de-
vice.
All components necessary for LO generation are catered
for on-board.
The TCXO connector provides the neces-
sary Reference Input.
The RF PLL is made up of the
ADF4212, passive loop filter and the VCO 190-1750T
from Vari-L.
The output is available at RFOUT through
a standard SMA connector. The IF PLL is made up of the
ADF4212, passive loop filter and the VCO 190-540T
from Vari-L.
The output is available at IFOUT through
a standard SMA connector. If the user wishes they may
use their own power supplies and reference input.
In this
case, they need to insert SMA connectors to as shown on
the silkscreen and block diagram.
The AD7706 A/D converter is used to monitor the power
supply voltage and current consumption of the ADF4212.
This helps the user pick the optimum synthesizer settings for
power consumption and also provides an alert if the battery
voltage is too low to sustain the required 3V or 5V for the
board supply.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com