Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9812 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9812
Description  WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9812 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9812 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9812 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
Configuration
Waveguide Interface
WR-42
RF Connector
2.92mm Female
RF Connector Impedance
50 Ohms
Electrical Specifications
Frequency Range, GHz
18 to 26.5
Maximum VSWR
1.4:1
Mechanical Specifications
Size
Length, in [mm]
0.88 [22.35]
Width/Dia., in [mm]
0.88 [22.35]
Height, in [mm]
1.06 [26.92]
.
Waveguide Interface
Type
WR-42
Body Material and Plating
Aluminum
RF Connector
Type
2.92mm Female
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz PE9812
URL: http://www.pasternack.com/wr-42-sma-female-waveguide-coax-adapter-18-ghz-26.5-ghz-pe9812-p.aspx
PE9812
PE9812 REV
WR-42 to 2.92mm Female Waveguide to
Coax Adapter 18 GHz to 26.5 GHz


Similar Part No. - PE9812

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9810 PASTERNACK-PE9810 Datasheet
272Kb / 2P
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9811 PASTERNACK-PE9811 Datasheet
74Kb / 1P
waveguide to sma male frequency range: 7,0~11,0 GHz
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813A PASTERNACK-PE9813A Datasheet
364Kb / 3P
WR-42 UG-595/U Square Cover Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz
PE9814 PASTERNACK-PE9814 Datasheet
74Kb / 1P
WAVEGUIDE TO 7mm FREQUENCY RANGE : 12,40~18,0 GHz
More results

Similar Description - PE9812

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9800 PASTERNACK-PE9800 Datasheet
263Kb / 2P
WR-62 to N Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9803 PASTERNACK-PE9803 Datasheet
269Kb / 2P
WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9878 PASTERNACK-PE9878 Datasheet
233Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE-W42CA002 PASTERNACK-PE-W42CA002 Datasheet
424Kb / 4P
WR-42 With UG595-U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz K Band
PE9813A PASTERNACK-PE9813A Datasheet
364Kb / 3P
WR-42 UG-595/U Square Cover Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz
PE6802 PASTERNACK-PE6802_16 Datasheet
773Kb / 3P
0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE-W42TR1001 PASTERNACK-PE-W42TR1001 Datasheet
396Kb / 3P
6 Watts Instrumentation Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com