Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9844 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9844
Description  WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9844 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9844 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9844 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
Configuration
Waveguide Interface
WR-42
Flange Design
WR
RF Connector
SMA Female
Body Style
End Launch
Electrical Specifications
Frequency Range, GHz
18 to 26.5
Maximum VSWR
1.3:1
Mechanical Specifications
Size
Length, in [mm]
0.875 [22.23]
Width/Dia., in [mm]
0.875 [22.23]
Height, in [mm]
0.937 [23.8]
.
Waveguide Interface
Type
WR-42
Body Material and Plating
Aluminum
RF Connector
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz from Pasternack Enterprises has same day ship-
ment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz PE9844
URL: http://www.pasternack.com/wr-42-sma-female-end-launch-waveguide-coax-adapter-18-ghz-26.5-ghz-pe9844-p.aspx
WR-42 to SMA Female Waveguide to Coax
Adapter 18 GHz to 26.5 GHz
PE9844
PE9844 REV


Similar Part No. - PE9844

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE9844DEV PLETRONICS-PE9844DEV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
PE9844DV PLETRONICS-PE9844DV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE9844

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9800 PASTERNACK-PE9800 Datasheet
263Kb / 2P
WR-62 to N Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9803 PASTERNACK-PE9803 Datasheet
269Kb / 2P
WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9812 PASTERNACK-PE9812 Datasheet
266Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9819 PASTERNACK-PE9819 Datasheet
277Kb / 2P
WR-75 to SMA Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9828 PASTERNACK-PE9828 Datasheet
269Kb / 2P
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
PE9830 PASTERNACK-PE9830 Datasheet
255Kb / 2P
WR-137 to SMA Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz
PE9878 PASTERNACK-PE9878 Datasheet
233Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9884 PASTERNACK-PE9884 Datasheet
207Kb / 2P
WR-112 to SMA Female Waveguide to Coax Adapter 7.05 GHz to 10 GHz
PEWCA1018 PASTERNACK-PEWCA1018 Datasheet
368Kb / 3P
WR-42 UG-595/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz, K Band
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com