Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8418N Datasheet(PDF) 1 Page - ebm-papst

Part # 8418N
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

8418N Datasheet(HTML) 1 Page - ebm-papst

  8418N Datasheet HTML 1Page - ebm-papst 8418N Datasheet HTML 2Page - ebm-papst 8418N Datasheet HTML 3Page - ebm-papst 8418N Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC axial compact fan
8418 N
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Straße 1
D-78112 St. Georgen
Phone +49 7724 81-0
Fax +49 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
8418 N
Nominal voltage
VDC
48
Nominal voltage range
VDC
36 .. 56
Speed
min-1
3100
Power input
W
2.0
Min. ambient temperature
°C
-20
Max. ambient temperature
°C
70
Air flow
m3/h
69
Sound power level
B
4.7
Sound pressure level
dB(A)
32
ml = max. load · me = max. efficiency · rfa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Web data sheet D · Page 1 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - 8418N

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8418 BELDEN-8418 Datasheet
177Kb / 2P
Microphone Cable, 8 C #20 Str TC, Rayon & 85% TC Braid, Cotton Serve,EPDM Jkt, Flexible
01-20-2023
logo
KISTLER INSTRUMENT CORP...
8418 KISTLER-8418 Datasheet
3Mb / 4P
Miniature IEPE Triaxial Accelerometer, with TEDS Option
2014
logo
Christian Bürkert GmbH ...
8418 BURKERT-8418 Datasheet
669Kb / 8P
RTD temperature sensor with IO-Link inter-face
17.05.2023
logo
Keystone Electronics Co...
8418 KEYSTONE-8418 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Belden Inc.
8418-010100 BELDEN-8418-010100 Datasheet
177Kb / 2P
Microphone Cable, 8 C #20 Str TC, Rayon & 85% TC Braid, Cotton Serve,EPDM Jkt, Flexible
01-20-2023
More results

Similar Description - 8418N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
252N EBMPAPST-252N Datasheet
282Kb / 3P
DC axial compact fan
255H EBMPAPST-255H Datasheet
289Kb / 4P
DC axial compact fan
412 EBMPAPST-412 Datasheet
311Kb / 4P
DC axial compact fan
414J EBMPAPST-414J Datasheet
314Kb / 4P
DC axial compact fan
3212JH EBMPAPST-3212JH Datasheet
523Kb / 4P
DC axial compact fan
3214JH4 EBMPAPST-3214JH4 Datasheet
523Kb / 4P
DC axial compact fan
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
DC axial compact fan
3314G EBMPAPST-3314G Datasheet
302Kb / 4P
DC axial compact fan
3412NGH EBMPAPST-3412NGH Datasheet
285Kb / 4P
DC axial compact fan
3412NGV EBMPAPST-3412NGV Datasheet
297Kb / 4P
DC axial compact fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com