Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT02FH Datasheet(PDF) 8 Page - Analog Devices

Part # MAT02FH
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02FH Datasheet(HTML) 8 Page - Analog Devices

Back Button MAT02FH Datasheet HTML 4Page - Analog Devices MAT02FH Datasheet HTML 5Page - Analog Devices MAT02FH Datasheet HTML 6Page - Analog Devices MAT02FH Datasheet HTML 7Page - Analog Devices MAT02FH Datasheet HTML 8Page - Analog Devices MAT02FH Datasheet HTML 9Page - Analog Devices MAT02FH Datasheet HTML 10Page - Analog Devices MAT02FH Datasheet HTML 11Page - Analog Devices MAT02FH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MAT02
–8–
REV. C
by various offsetting techniques. Protective diodes across each
base-to-emitter junction would normally be needed, but these
diodes are built into the MAT02. External protection diodes are
therefore not needed.
For the circuit shown in Figure 19, the operational amplifiers
make I1 = VX/R1, I2 = VY/R2, I3 = VZ/R3, and IO = VO/RO. The
output voltage for this one-quadrant, log-antilog multiplier/di-
vider is ideally:
VO =
R3RO
R1R2
V XVY
V Z
(VX, VY, VZ > 0)
(4)
If all the resistors (RO, R1, R2, R3) are made equal, then VO =
VXVY/VZ. Resistor values of 50 kΩ to 100 kΩ are recommended
assuming an input range of 0.1 V to +10 V.
ERROR ANALYSIS
The base-to-emitter voltage of the MAT02 in its forward active
operation is:
VBE =
kT
q
In
IC
IS
+ rBEIC, VCB ~ 0
(5)
The first term comes from the idealized intrinsic transistor
equation previously discussed (see equation (1)).
With the oscilloscope ac coupled, the temperature dependent
term becomes a dc offset and the trace represents the deviation
from true log conformity. The bulk resistance can be calculated
from the voltage deviation
∆V
O and the change in collector cur-
rent (9 mA):
rBE =
∆V
O
9 mA
×
1
100
(3)
This procedure finds rBE for Side A. Switching R1 and R2 will
provide the rBE for Side B. Differential rBE is found by making
R1 = R2.
APPLICATIONS: NONLINEAR FUNCTIONS
MULTIPLIER/DIVIDER CIRCUIT
The excellent log conformity of the MAT02 over a very wide
range of collector current makes it ideal for use in log-antilog
circuits. Such nonlinear functions as multiplying, dividing,
squaring, and square-rooting are accurately and easily imple-
mented with a log-antilog circuit using two MAT02 pairs (see
Figure 19). The transistor circuit accepts three input currents
(I1, I2, and I3) and provides an output current IO according to
IO = I1I2/I3. All four currents must be positive in the log-antilog
circuit, but negative input voltages can be easily accommodated
Figure 19. One-Quadrant Multiplier/Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com