Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6925WM-SDAP/06 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 6925WM-SDAP/06
Description  Coarse Wave Division Multiplexing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6925WM-SDAP/06 Datasheet(HTML) 2 Page - Emcore Corporation

  6925WM-SDAP/06 Datasheet HTML 1Page - Emcore Corporation 6925WM-SDAP/06 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optical Specifications
Description
6925WM-SDSP/04
4-Channel CWDM, Mux, SC/APC, (Ch# 51-57)
6925WM-SDAP/04
4-Channel CWDM, Mux FC/APC, (Ch# 51-57)
6925WD-SDSP/04
4-Channel CWDM, DeMux SC/APC, (Ch# 51-57)
6925WD-SDAP/04
4-Channel CWDM, DeMux FC/APC, (Ch# 51-57)
6925WM-SDSP/06
6-Channel CWDM, Mux, SC/APC, (Ch# 47-57)
6925WM-SDAP/06
6-Channel CWDM, Mux FC/APC, (Ch# 47-57)
6925WD-SDSP/06
6-Channel CWDM, DeMux SC/APC, (Ch# 47-57)
6925WD-SDAP/06
6-Channel CWDM, DeMux FC/APC, (Ch# 47-57)
6925WM-SDSP/08
8-Channel CWDM, Mux, SC/APC, (Ch# 47-61)
6925WM-SDAP/08
8-Channel CWDM, Mux FC/APC, (Ch# 47-61)
6925WD-SDSP/08
8-Channel CWDM, DeMux SC/APC, (Ch# 47-61)
6925WD-SDAP/08
8-Channel CWDM, DeMux FC/APC, (Ch# 47-61)
Models
Rev. January 22, 2010
6925
CWDM
Passive Components
Copyright © 2009 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore..com
Parameter
Min
Max
Units
Insertion Loss
4-Way
6-Way
8-Way
2.0
2.8
3.6
2.5
3.4
4.5
dB
Channel uniformity
4-Way
6-Way
8-Way
-
-
-
1.2
1.2
1.5
dB
Isolation Adjacent Channel
4-Way
6-Way
8-Way
25
28
25
-
-
-
dB
Isolation Non-Adjacent Channel
40
-
dB
PDL
4-Way
6-Way
8-Way
-
-
-
0.1
0.2
0.2
dB
PMD
-
0.1
ps
Directivity
55
-
dB
Return Loss
45
-
dB
Optical Power
250
mW
Optical Power
24
dBm
Channel Plan
Channel
Wavelength
4-Way
6-Way
8-Way
47
1471 nm
X
X
X
49
1491 nm
X
X
X
51
1551 nm
X
X
X
53
1531 nm
X
X
X
55
1551 nm
X
X
57
1571 nm
X
59
1591 nm
X
61
1661 nm
X



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com