Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6047 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6047
Description  75 OHM N MALE RESISTOR TERMINATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6047 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6047 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE6047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6040 PASTERNACK-PE6040 Datasheet
87Kb / 1P
SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE DC TO 18 GHz
PE6041 PASTERNACK-PE6041 Datasheet
294Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 2 GHz
PE6042 PASTERNACK-PE6042 Datasheet
233Kb / 1P
HIGH POWER TERMINATION N FEMALE FREQUENCY RANGE DC TO 2GHz
PE6043 PASTERNACK-PE6043 Datasheet
264Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink SMA Female RF Load Up To 2 GHz
PE6044 PASTERNACK-PE6044 Datasheet
77Kb / 1P
PASTERNACK ENTERPRISES
More results

Similar Description - PE6047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6001-93 PASTERNACK-PE6001-93 Datasheet
76Kb / 1P
N MALE RESISTOR TERMINATION
PE6048 PASTERNACK-PE6048 Datasheet
77Kb / 1P
75 OHM N FEMALE RESISTOR TERMINATION
PE6051 PASTERNACK-PE6051 Datasheet
77Kb / 1P
75 OHM BNC MALE RESISTOR TERMINATION
PE6052 PASTERNACK-PE6052 Datasheet
77Kb / 1P
75 OHM BNC FEMALE RESISTOR TERMINATION
PE6055 PASTERNACK-PE6055 Datasheet
78Kb / 1P
75 OHM SMC PLUG RESISTOR TERMINATION
PE6056 PASTERNACK-PE6056 Datasheet
78Kb / 1P
75 OHM SMC JACK RESISTOR TERMINATION
PE6067 PASTERNACK-PE6067 Datasheet
78Kb / 1P
75 OHM N MALE RESISTOR TERMINATION WITH CHAIN
PE6068 PASTERNACK-PE6068 Datasheet
79Kb / 1P
75 OHM FEMALE RESISTOR TERMINATION WITH CHAIN
PE6093 PASTERNACK-PE6093 Datasheet
79Kb / 1P
75 OHM BNC MALE RESISTOR TERMINATION WITH CHAIN
PE6165 PASTERNACK-PE6165 Datasheet
187Kb / 1P
75 OHM BNC MALE TERMINATION,1 %
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com