Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP176 Datasheet(PDF) 15 Page - Analog Devices

Part # OP176
Description  Bipolar/JFET, Audio Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP176 Datasheet(HTML) 15 Page - Analog Devices

Back Button OP176 Datasheet HTML 11Page - Analog Devices OP176 Datasheet HTML 12Page - Analog Devices OP176 Datasheet HTML 13Page - Analog Devices OP176 Datasheet HTML 14Page - Analog Devices OP176 Datasheet HTML 15Page - Analog Devices OP176 Datasheet HTML 16Page - Analog Devices OP176 Datasheet HTML 17Page - Analog Devices OP176 Datasheet HTML 18Page - Analog Devices OP176 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
OP176
REV. 0
–15–
High Pass Sections
Figure 44a illustrates the high-pass form of a 2-pole SK filter
using an OP176. For simplicity and practicality, capacitors C1
and C2 are set equal (“C”), and resistors R2 and R1 are
adjusted to a ratio, N, which provides the filter damping
coefficient,
α, as per the design expressions. This high pass
design is begun with selection of standard capacitor values for
C1 and C2 and a calculation of N. The values for R1 and R2
are then determined from the following expressions:
R1
=
1
2
π× FREQ × C × N
and
R2
= N × R1
Figures 44a. Two-Pole Unity Gain HP/LP Active Filters
In this examples, circuit
α (or 1/Q) is set equal to √2, providing
a Butterworth (maximally flat) characteristic. The filter corner
frequency is normalized to 1 kHz, with resistor values shown in
both rounded and (exact) form. Various other 2-pole response
shapes are possible with appropriate selection of
α, and fre-
quency can be easily scaled, using inversely proportional R or
C values for a given
α. The 22 V/µs slew rate of the OP176 will
support 20 V p-p outputs above 100 kHz with low distortion.
The frequency response resulting with this filter is shown as the
dotted HP portion of Figure 45.
+VS
R1
11k
(11.254k)
C1
0.01µF
7
4
6
3
2
OUT
IN
OP176
C2
0.01µF
–VS
R2
22k
(22.508k)
GIVEN:
α, FREQ
SET C1 = C2 = C
α =
=
2
N
1
Q
N =
=
4
α2
R2
R1
R1 =
1
R2 = N x R1
ZCOMP
ZCOMP (HIGH PASS)
IN (–)
R2
OUTPUT
C1
C2
R1
1 kHz BW SHOWN
2
π FREQ x C x N
Low Pass Sections
In the LP SK arrangement of Figure 44b, the R and C elements
are interchanged where the resistors are made equal. Here, the
ratio of C2/C1 (“M”) is used to set the filter
α, as noted.
Otherwise, this filter is similar to the HP section, and the
resulting 1 kHz LP response is shown in Figure 45. The design
begins with a choice of a standard capacitor value for C1 and a
calculation of M. This then forces a value of “M
× C1” for C2.
Then, the value for R1 and R2 (“R”) is calculated according to
the following equation:
R
=
1
2
π× FREQ × C1× M
Figures 44b. Two-Pole Unity Gain HP/LP Active Filters
Figure 45. Relative Frequency Response of 2-Pole, 1 kHz
Butterworth LP (Left) and HP (Right) Active Filters
+VS
R1
11k
(11.254k)
C1
0.02µF
7
4
6
3
2
OUT
IN
OP176
C2
0.01µF
–VS
R2
11k
(11.254k)
GIVEN:
α, FREQ
α =
=
2
M
1
Q
M =
=
4
α2
C2
C1
C2 = M x C1
ZCOMP
IN (–)
R2
OUTPUT
C1
C2
R1
1 kHz BW SHOWN
CHOOSE C1
R =
1
2
π FREQ x C1 x M
ZCOMP (LOW PASS)
100
50k
10k
1k
20
10.000
–30.00
–70.00
–50.00
–10.00
–20.00
–40.00
–60.00
0.0
LP
HP
FREQUENCY – Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com