Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP177 Datasheet(PDF) 3 Page - Analog Devices

Part # OP177
Description  Ultraprecision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177 Datasheet(HTML) 3 Page - Analog Devices

  OP177 Datasheet HTML 1Page - Analog Devices OP177 Datasheet HTML 2Page - Analog Devices OP177 Datasheet HTML 3Page - Analog Devices OP177 Datasheet HTML 4Page - Analog Devices OP177 Datasheet HTML 5Page - Analog Devices OP177 Datasheet HTML 6Page - Analog Devices OP177 Datasheet HTML 7Page - Analog Devices OP177 Datasheet HTML 8Page - Analog Devices OP177 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OP177
REV. B
–3–
OP177E
OP177F
OP177G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Input Offset Voltage
VOS
4
1010
2520
60
µV
Long-Term Input Offset
Voltage Stability
∆V
OS/Time
(Note 1)
0.2
0.3
0.4
µV/Mo
Input Offset Current
IOS
0.3
1.0
0.3
1.5
0.3
2.8
nA
Input Bias Current
IB
–0.2
1.0
1.5
–0.2
1.2
2.0
–0.2
1.2
2.8
nA
Input Noise Voltage
en
fo = 1 Hz to 100 Hz
2
118
150
118
150
118
150
nV rms
Input Noise Current
in
fo = 1 Hz to 100 Hz
2
3
8
38
38pA rms
Input Resistance
Differential-Mode
RIN
(Note 3)
26
45
26
45
18.5
45
M
Ω
Input Resistance
Common-Mode
RINCM
200
200
200
G
Ω
Input Voltage Range
IVR
(Note 4)
±13
±14
± 13
± 14
± 13
± 14
V
Common-Mode
Rejection Ratio
CMRR
VCM = ± 13 V
130
140
130
140
115
140
dB
Power Supply
Rejection Ratio
PSRR
VS = ±3 V to ± 18 V
120
125
115
125
110
120
dB
Large Signal
RL ≥ 2 kΩ,
Voltage Gain
AVO
VO = ± 10 V
5
5000
12000
5000
12000
2000
6000
V/mV
Output Voltage
Swing
VO
RL ≥ 10 kΩ± 13.5
±14.0
± 13.5 ± 14.0
± 13.5 ± 14.0
V
RL ≥ 2 kΩ± 12.5
±13.0
± 12.5 ± 13.0
± 12.5 ± 13.0
V
RL ≥ 1 kΩ± 12.0
±12.5
± 12.0 ± 12.5
± 12.0 ± 12.5
V
Slew Rate
SR
RL ≥ 2 kΩ
2
0.1
0.3
0.1
0.3
0.1
0.3
V/
µs
Closed-Loop
Bandwidth
BW
AVCL = +1
2
0.4
0.6
0.4
0.6
0.4
0.6
MHz
Open-Loop Output
Resistance
RO
60
60
60
Ω
Power Consumption
PD
VS = ± 15 V, No Load
50
60
50
60
50
60
mW
VS = ±3 V, No Load
3.5
4.5
3.5
4.5
3.5
4.5
mW
Supply Current
ISY
VS = ±15 V, No Load
1.6
2.0
1.6
2.0
1.6
2.0
mA
Offset Adjustment
Range
RP = 20 kΩ± 3
± 3
± 3mV
NOTES
1Long-Term Input Offset Voltage Stability refers to the averaged trend line of V
OS vs. time over extended periods after the first 30 days of operation. Excluding the ini-
tial hour of operation, changes in VOS during the first 30 operating days are typically less than 2.0 µV.
2Sample tested.
3Guaranteed by design.
4Guaranteed by CMRR test condition.
5To insure high open-loop gain throughout the
±10 V output range, A
VO is tested at –10 V ≤ VO ≤ 0 V, 0 V ≤ VO ≤ +10 V, and –10 V ≤ VO ≤ +10 V.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS (@ V
S =
15 V, TA = +25 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com