Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6086 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6086
Description  50 Ohm 0.5 Watts Precision 2.92mm Male RF Load With Chain Up To 40 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6086 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6086 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6086 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6086 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pasternack Enterprises, Inc. • P.O. Box 16759, Irvine, CA 92623
Phone: (866) 727-8376 or (949) 261-1920 • Fax: (949) 261-7451
Sales@Pasternack.com • Techsupport@Pasternack.com
The information contained in this document is accurate to the best of our knowledge and representative of the part described
herein. It may be necessary to make modifications to the part and/or the documentation of the part, in order to implement improve-
ments. Pasternack reserves the right to make such changes as required. Unless otherwise stated, all specifications are nominal.
1
TECHNICAL DATA SHEET
© 2012 Pasternack Enterprises All Rights Reserved
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load With Chain
Up To 40 GHz
PE6086
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 0.5 Watt Precision Passivated Stainless Steel 2.92mm Male RF Load With Chain Up
To 40 GHz PE6086
50 Ohm 0.5 Watt Precision Passivated Stainless Steel 2.92mm Male RF Load With Chain Up To 40 GHz
Pasternack Enterprises line of 2.92mm Terminations are available in 0.5 Watt, 1 Watt and 2 Watt versions and operate
from DC to 40 GHz. Our 2.92mm Terminations are manufactured for durability with Passivated Stainless Steel bodies
and Gold Plated BeCu (Beryllium Copper) contacts and are with a Chain or No Chain. Pasternack’s Male and Female
2.92mm Terminations will mate with 2.92mm, 3.5mm and SMA connectors.
• DC to 40 GHz
• 0.5W, 1W and 2W versions
• Passivated Stainless Steel bodies
• Gold plated BeCu contacts
• Chain and No Chain options
Configuration
Design Type
RF Load
Connector
2.92mm Male
Connection Method
Standard
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range (GHz)
DC to 40
Impedance (Ohm)
50
VSWR, Max
1.20:1
Power, Max (Watt)
0.5
Frequency 1
Frequency (GHz)
DC to 40
VSWR
1.20:1
Power Handling (Watt)
0.5
PE6086 REV NC


Similar Part No. - PE6086

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6086 PASTERNACK-PE6086 Datasheet
420Kb / 4P
0.5 Watt RF Load with Chain Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6086 PASTERNACK-PE6086_16 Datasheet
420Kb / 4P
0.5 Watt RF Load with Chain Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
More results

Similar Description - PE6086

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6075 PASTERNACK-PE6075 Datasheet
247Kb / 2P
50 ohm 2 Watts precision Brass N Male RF Load With Chain Up To 18 GHz
PE6085 PASTERNACK-PE6085 Datasheet
245Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6087 PASTERNACK-PE6087 Datasheet
370Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Female RF Load Up To 40 GHz
PE6088 PASTERNACK-PE6088 Datasheet
354Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Female RF Load With Chain Up To 40 GHz
PE6173 PASTERNACK-PE6173 Datasheet
353Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Male RF Load Up To 40 GHz
PE6174 PASTERNACK-PE6174 Datasheet
368Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Male RF Load with Chain Up To 40 GHz
PE6176 PASTERNACK-PE6176 Datasheet
360Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6177 PASTERNACK-PE6177 Datasheet
358Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up with Chain To 40 GHz
PE6086 PASTERNACK-PE6086_16 Datasheet
420Kb / 4P
0.5 Watt RF Load with Chain Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com