Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0784A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0784A
Description  COMPUTER CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0784A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0784A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision:
A.
B.
C.
D.
7
WHT with BLK STRIPE
8
RED with BLK STRIPE
COLOR
BLACK
ITEM
1
9/26/2012
CAROL (R) 20 AWG -- C0784A -- 75C E105765-H CM(UL) C(UL) OR 80C AWM STYLE
2464 300V -- CSA LL69381 60C CMG -- MADE IN USA (DATE CODE) (SEQUENTIAL
FOOTAGE)
.297" Nom
DIAMETERS
.036" Nom
.068" Nom
.233" Nom
8C 20 AWG (7/28)TC PVC, OAS, PVC
66.3 pF/ft @ 1kHz nom
53.1 Ohms @ 1MHz nom
36.8 pF/ft @ 1kHz nom
Temperature:
Suggested Working Voltage:
Conductor DCR:
75C (CM) / 80C (2464) / 60C (CMG)
300V
Product Data Sheet
INDUSTRY APPROVALS
ELECTRICAL PROPERTIES
Type CM
National Electrical Code
Part Number:
Article 800
CONSTRUCTION
AWM Style 2464
C0784A
COMPUTER CABLE
UL Standard 444
UL Standard 758
Conductor:
Insulation:
Cable:
Shield:
10.6 Ohms/M' @ 20°C nom
#20 AWG (7/28) Tinned Copper
.016" Wall, Polyvinyl Chloride (PVC)
8 Conductors @ 3.50" LHL
Aluminum/polyester tape (foil out) with #22 AWG (7/30)TC
Drain Wire
Jacket:
Print Legend:
.032" Wall, Polyvinyl Chloride (PVC)
CSA International
Type CMG
5
ORANGE
6
BLUE
2
WHITE
3
RED
4
GREEN
COLOR CODE
Mutual Capacitance:
Characteristic Impedance:
Ground Capacitance:
Note: Data subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0784A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0780A GENERAL-C0780A Datasheet
73Kb / 1P
COMPUTER CABLE
C0781A GENERAL-C0781A Datasheet
73Kb / 1P
COMPUTER CABLE
C0783A GENERAL-C0783A Datasheet
59Kb / 1P
COMPUTER CABLE
C0785A GENERAL-C0785A Datasheet
74Kb / 1P
COMPUTER CABLE
C0786A GENERAL-C0786A Datasheet
74Kb / 1P
COMPUTER CABLE
More results

Similar Description - C0784A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0515A GENERAL-C0515A Datasheet
75Kb / 1P
Computer Cable
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
COMPUTER CABLE
C0621A GENERAL-C0621A Datasheet
81Kb / 1P
COMPUTER CABLE
C0630A GENERAL-C0630A Datasheet
81Kb / 1P
COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
COMPUTER CABLE
C0726A GENERAL-C0726A Datasheet
81Kb / 1P
COMPUTER CABLE
C0741A GENERAL-C0741A Datasheet
73Kb / 1P
COMPUTER CABLE
C0748A GENERAL-C0748A Datasheet
75Kb / 1P
COMPUTER CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com