Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP291 Datasheet(PDF) 2 Page - Analog Devices

Part # OP291
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 2 Page - Analog Devices

  OP291 Datasheet HTML 1Page - Analog Devices OP291 Datasheet HTML 2Page - Analog Devices OP291 Datasheet HTML 3Page - Analog Devices OP291 Datasheet HTML 4Page - Analog Devices OP291 Datasheet HTML 5Page - Analog Devices OP291 Datasheet HTML 6Page - Analog Devices OP291 Datasheet HTML 7Page - Analog Devices OP291 Datasheet HTML 8Page - Analog Devices OP291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
OP191/OP291/OP491–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
OP191G
VOS
80
500
µV
–40
≤ T
A ≤ +125°C1
mV
OP291/OP491G
VOS
80
700
µV
–40
≤ T
A
≤ +125°C
1.25
mV
Input Bias Current
IB
30
50
nA
–40
≤ T
A
≤ +125°C70
nA
Input Offset Current
IOS
0.1
8
nA
–40
≤ T
A ≤ +125°C16
nA
Input Voltage Range
0
3
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.9 V
70
90
dB
–40
≤ T
A ≤ +125°C65
87
dB
Large Signal Voltage Gain
AVO
RL = 10 k
Ω , V
O = 0.3 V to 2.7 V
25
70
V/mV
–40
≤ T
A
≤ +125°C
50
V/mV
Offset Voltage Drift
∆V
OS/∆T
1.1
µV/°C
Bias Current Drift
∆I
B/
∆T
100
pA/
°C
Offset Current Drift
∆I
OS/
∆T
20
pA/
°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 k
Ω to GND
2.95
2.99
V
–40
°C to +125°C
2.90
2.98
V
RL = 2 k
Ω to GND
2.8
2.9
V
–40
°C to +125°C
2.70
2.8
V
Output Voltage Low
VOL
RL = 100 kΩ to V+
4.5
10
mV
–40
°C to +125°C35
mV
RL = 2 k
Ω to V+
40
75
mV
–40
°C to +125°C
130
mV
Short Circuit Limit
ISC
Sink/Source
±8.75
±13.5
mA
–40
°C to +125°C
±6.0
±10.5
mA
Open Loop Impedance
ZOUT
f = 1 MHz, AV = 1
200
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 12 V
80
110
dB
–40
°C ≤ T
A
≤ +125°C
75
110
dB
Supply Current/Amplifier
ISY
VO = 0 V
200
350
µA
–40
°C ≤ T
A
≤ +125°C
330
480
µA
DYNAMIC PERFORMANCE
Slew Rate
+SR
RL = 10 k
Ω
0.4
V/
µs
Slew Rate
–SR
RL = 10 k
Ω
0.4
V/
µs
Full-Power Bandwidth
BWP
1% Distortion
1.2
kHz
Settling Time
tS
To 0.01%
22
µs
Gain Bandwidth Product
GBP
3
MHz
Phase Margin
θ
O
45
Degrees
Channel Separation
CS
f = 1 kHz, RL = 10 k
Ω
145
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
µV p-p
Voltage Noise Density
en
f = 1 kHz
35
nV/
√Hz
Current Noise Density
in
0.8
pA/
√Hz
Specifications subject to change without notice.
(@ VS = +3.0 V, VCM = 0.1 V, VO = 1.4 V, TA = +25
°C unless otherwise noted)
REV. 0
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com