Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP491 Datasheet(PDF) 10 Page - Analog Devices

Part # OP491
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP491 Datasheet HTML 6Page - Analog Devices OP491 Datasheet HTML 7Page - Analog Devices OP491 Datasheet HTML 8Page - Analog Devices OP491 Datasheet HTML 9Page - Analog Devices OP491 Datasheet HTML 10Page - Analog Devices OP491 Datasheet HTML 11Page - Analog Devices OP491 Datasheet HTML 12Page - Analog Devices OP491 Datasheet HTML 13Page - Analog Devices OP491 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
–10–
REV. 0
OP191/OP291/OP491–Typical Performance Characteristics
FREQUENCY – kHz
10
0
300
3
1
0.5
2
0.1
6
4
5
7
8
9
250
100 150
50 70
200
30
10
1.0
VIN = +9.8Vp-p
VS = ±5V
AV = +1
RL = 100k
4 PARTS
Figure 38. Maximum Output Swing
vs. Frequency, VS = ±5V
1.6
–0.2
125
0.2
0
25
–40
0.6
0.4
0.8
1.0
1.2
1.4
85
TEMPERATURE –
°C
VS = ±5V
VCM = –5V
VCM = +5V
Figure 41. Input Offset Current vs.
Temperature, VS = ±5V
70
20
–30
1k
10k
10M
1M
100k
30
40
50
60
–20
–10
0
10
90
45
0
270
225
180
135
VS = ±5V
TA = +25°C
FREQUENCY – Hz
Figure 44. Open-Loop Gain & Phase
vs. Frequency, VS = ±5 V
VS = ±5V
TEMPERATURE –
°C
0.15
–0.1
125
0.05
–0.05
25
0
–40
0.10
85
VCM = +5V
VCM = –5V
Figure 39. Input Offset Voltage vs.
Temperature, VS = ±5V
36
–36
5
–24
0
0
–12
12
24
4
3
2
1
COMMON MODE INPUT VOLTAGE – Volts
VS = ±5V
–1
–2
–3
–4
–5
Figure 42. Input Bias Current vs.
Common-Mode Voltage, VS = ±5V
TEMPERATURE –
°C
VS = ±5V
200
0
125
65
25
25
40
–40
120
80
100
140
160
180
85
RL = 100kΩ
RL = 2kΩ
Figure 45. Open-Loop Gain vs.
Temperature, VS = ±5V
TEMPERATURE –
°C
VS = ±5V
50
–50
125
–20
–40
25
–30
–40
10
–10
0
20
30
40
85
+IB
+IB
–IB
–IB
VCM = +5V
VCM = –5V
Figure 40. Input Bias Current vs.
Temperature, VS = ±5 V
5.00
–5.00
125
–4.85
–4.95
25
–4.90
–40
0
–4.80
–4.75
4.75
4.80
4.85
4.95
4.90
85
TEMPERATURE –
°C
VS = ±5V
RL = 100k
RL = 2k
RL = 100k
RL = 2k
Figure 43. Output Voltage Swing vs.
Temperature, VS = ±5V
50
0
–50
10
100
10M
1M
100k
10k
1k
10
20
30
40
–40
–30
–20
–10
VS = ±5V
TA = +25°C
FREQUENCY – Hz
Figure 46. Closed-Loop Gain vs.
Frequency, VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com