Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP296 Datasheet(PDF) 10 Page - Analog Devices

Part # OP296
Description  Micropower, Rail-to-Rail Input and Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP296 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP296 Datasheet HTML 6Page - Analog Devices OP296 Datasheet HTML 7Page - Analog Devices OP296 Datasheet HTML 8Page - Analog Devices OP296 Datasheet HTML 9Page - Analog Devices OP296 Datasheet HTML 10Page - Analog Devices OP296 Datasheet HTML 11Page - Analog Devices OP296 Datasheet HTML 12Page - Analog Devices OP296 Datasheet HTML 13Page - Analog Devices OP296 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TEMPERATURE – C
90
50
20
–75
150
–50
–40
–25
0
25
50
85
75
100
125
80
70
40
30
60
VS = 12V
VS = 3V
VS = 5V
Figure 25. Supply Current/Amplifier vs. Temperature
SUPPLY VOLTAGE – Volts
55
50
35
113
3
57
9
11
12
45
40
TA = 25 C
Figure 26. Supply Current/Amplifier vs. Supply Voltage
FREQUENCY – Hz
80
70
0
11k
10
100
60
50
40
30
20
10
VS = 2.5V
TA = 25 C
VCM = 0V
Figure 27. Voltage Noise Density vs. Frequency
FREQUENCY – Hz
0.6
0.5
0
11k
10
100
0.4
0.3
0.2
0.1
VS = 2.5V
TA = 25 C
VCM = 0V
Figure 28. Input Bias Current Noise Density vs. Frequency
SETTLING TIME –
s
10
–10
030
5
10
15
20
25
8
2
–4
–6
–8
6
4
0
–2
OUTPUT SWING
– OUTPUT SWING
VS = 6V
TA = 25 C
TO 0.1%
Figure 29. Settling Time to 0.1% vs. Step Size
10
0%
100
90
1s
2mV
VS = 2.5V
AV = 10k
en = 0.8 V p-p
Figure 30. 0.1 Hz to 10 Hz Noise
OP196/OP296/OP496–Typical Performance Characteristics
REV. B
–10–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com