Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6096 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6096
Description  50 Ohm 5 Watts Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6096 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6096 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6096 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6096 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 5 Watts Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348
Heat Sink
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.25:1
Maximum Input Power, Watts
5
Frequency 1
Frequency, GHz
DC to 4
VSWR
1.1:1
Frequency 2
Frequency, GHz
4 to 8
VSWR
1.15:1
Frequency 3
Frequency, GHz
8 to 12.4
VSWR
1.2:1
Frequency 4
Frequency, GHz
12.4 to 18
VSWR
1.25:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +125
Size
Length, in [mm]
0.77 [19.56]
Width/Dia., in [mm]
0.61 [15.49]
.
Connector
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6096
PE6096 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 5 Watts Passivated Stainless Steel SMA Female RF Load Up To 18 GHz PE6096
50 Ohm 5 Watts Passivated Stainless Steel
SMA Female RF Load Up To 18 GHz


Similar Part No. - PE6096

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6096 PASTERNACK-PE6096 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With SMA Female Input Black Anodized Aluminum Heatsink
PE6096 PASTERNACK-PE6096_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With SMA Female Input Black Anodized Aluminum Heatsink
More results

Similar Description - PE6096

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6070 PASTERNACK-PE6070 Datasheet
448Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Female RF Load With Chain Up To 12.4 GHz
PE6073 PASTERNACK-PE6073 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6077 PASTERNACK-PE6077 Datasheet
261Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load Up To 26.5 GHz
PE6084 PASTERNACK-PE6084 Datasheet
215Kb / 2P
50 Ohm 2 Watts Precision Passivated Stainless Steel SMA Female RF Load With Chain Up To 18 GHz
PE6072 PASTERNACK-PE6072 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6092 PASTERNACK-PE6092 Datasheet
216Kb / 2P
50 Ohm 2 Watts Precision Passivated Stainless Steel TNC Female RF Load With Chain Up To 18 GHz
PE6103 PASTERNACK-PE6103 Datasheet
206Kb / 3P
50 Ohm 10 Watts Aluminum Heatsink SMA Female RF Load Up To 18 GHz
PE6073 PASTERNACK-PE6073_16 Datasheet
420Kb / 3P
1 Watt RF Load Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6083 PASTERNACK-PE6083 Datasheet
423Kb / 3P
2 Watt RF Load Up to 18 GHz With SMA Female Input Passivated Stainless Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com