Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP221GP Datasheet(PDF) 5 Page - Analog Devices

Part # OP221GP
Description  Dual Low Power Operational Amplifier, Single or Dual Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP221GP Datasheet(HTML) 5 Page - Analog Devices

  OP221GP Datasheet HTML 1Page - Analog Devices OP221GP Datasheet HTML 2Page - Analog Devices OP221GP Datasheet HTML 3Page - Analog Devices OP221GP Datasheet HTML 4Page - Analog Devices OP221GP Datasheet HTML 5Page - Analog Devices OP221GP Datasheet HTML 6Page - Analog Devices OP221GP Datasheet HTML 7Page - Analog Devices OP221GP Datasheet HTML 8Page - Analog Devices OP221GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
OP221
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP221 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage . . . . . . . . . . 30 V or Supply Voltage
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP221A . . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
OP221E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –25
°C to +85°C
OP221G . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering 60 sec) . . . . . . . . . . . . . . 300
°C
Junction Temperature (TJ) . . . . . . . . . . . . . –65
°C to +150°C
Figure 1. Dice Characteristics
Package Type
JA (Note 2)
JC
Unit
8-Lead Hermetic DIP (Z)
148
16
°C/W
8-Lead Plastic DIP (P)
103
43
°C/W
8-Lead SO (S)
158
43
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2
JA is specified for worst case mounting conditions, i.e.,
JA is specified for device
in socket for TO, Cerdip, and PDIP packages; elA is specified for device soldered
to printed circuit board for SO package.
ORDERING INFORMATION
1,2
TA = +25 C
Packages
Operating
Package
VOS MAX
Cerdip
Plastic
Temperature
Options
( V)
8-Lead
8-Lead
Range
150
OP221AZ
3
MIL
Q-8
150
OP221 EZ
3
IND
300
500
500
OP221GP
3
XIND
R-8
500
OP221GS
XIND
1Burn-in is available on commercial and industrial temperature range parts in CerDIP, plastic DIP, and
TO-can packages.
2For devices processed in total compliance to MIL-STD-883, add/883 after part number. Consult factory
for 883 data sheet.
3Not for new design, obsolete April 2002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com