Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP450 Datasheet(PDF) 13 Page - Analog Devices

Part # OP450
Description  CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP450 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP450 Datasheet HTML 8Page - Analog Devices OP450 Datasheet HTML 9Page - Analog Devices OP450 Datasheet HTML 10Page - Analog Devices OP450 Datasheet HTML 11Page - Analog Devices OP450 Datasheet HTML 12Page - Analog Devices OP450 Datasheet HTML 13Page - Analog Devices OP450 Datasheet HTML 14Page - Analog Devices OP450 Datasheet HTML 15Page - Analog Devices OP450 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
OP250/OP450
REV. 0
–13–
1/2
OP250
20
50k
270 F
LEFT
HEADPHONE
10 F
50k
50k
100k
10 F
LEFT
INPUT
+V + 5V
1/2
OP250
20
50k
270 F
RIGHT
HEADPHONE
10 F
50k
50k
100k
10 F
RIGHT
INPUT
+V
+V + 5V
1 F/0.1 F
Figure 37. A Single-Supply Stereo Headphone Driver
FREQUENCY – Hz
1
0.1
0.001
20
20k
100
1k
0.01
10k
VSY = 2.5V
AV = +1
VIN = 300mV rms
RL = 500
RL = 2k
RL ≥ 10k
Figure 38. THD vs. Frequency
Headphone Driver
The audio signal is coupled into each input through a 10
µF ca-
pacitor. This large value insures the resulting high pass filter
cutoff is below 20 Hz, preserving full audio fidelity. If the input
already has the proper dc bias, then the coupling capacitor and
biasing resistors are not required. A 270
µF capacitor is used at
the output to couple the amplifier to the headphone speaker.
This value is much larger than the input capacitor because of
the low impedance of the headphones, which can range from
32
Ω to 600 Ω or more. An additional 20 Ω resistor is used in
series with the output capacitor to protect the op amp’s output
in the event the output accidentally becomes shorted to ground.
Direct Access Arrangement for Modems
Figure 39 illustrates a +5 V transmit/receive telephone line inter-
face for 600
Ω systems. It allows full duplex transmission of sig-
nals on a transformer coupled 600
Ω line in a differential manner.
Amplifier A1 provides gain which can be adjusted to meet the
modem output drive requirements. Both A1 and A2 are config-
ured so as to apply the largest possible signal on a single supply to
the transformer. Because of the OP450’s high output current
drive and low dropout voltages, the largest signal available on a
single +5 V supply is approximately 4.5 V p-p into a 600
Ω trans-
mission system. Amplifier A3 is configured as a difference ampli-
fier for two reasons: (1) It prevents the transmit signal from
interfering with the receive signal and (2) it extracts the receive
signal from the transmission line for amplification by A4. Ampli-
fier A4’s gain can be adjusted in the same manner as A1’s to meet
the modem’s input signal requirements. Standard resistor values
permit the use of SIP (Single In-line Package) format resistor ar-
rays. Couple this with the OP450 14-lead TSSOP or SOIC foot-
print and this circuit offers a compact, cost-effective solution.
6.2V
6.2V
TRANSMIT
TXA
RECEIVE
RXA
C1
0.1 F
R1
10k
R2
9.09k
2k
P1
TX GAIN
ADJUST
A1
A2
A3
A4
A1, A2, A3, A4 = 1/4 OP450
R3
360
1:1
T1
TO TELEPHONE
LINE
1
2
3
7
6
5
2
3
1
6
5
7
10 F
R7
10k
R8
10k
R5
10k
R6
10k
R9
10k
R14
14.3k
R10
10k
R11
10k
R12
10k
R13
10k
C2
0.1 F
P2
RX GAIN
ADJUST
2k
ZO
600
+5V DC
MIDCOM
671-8005
Figure 39. A Single-Supply Direct Access Arrangement for
Modems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com