Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP282 Datasheet(PDF) 10 Page - Analog Devices

Part # OP282
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP282 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP282 Datasheet HTML 4Page - Analog Devices OP282 Datasheet HTML 5Page - Analog Devices OP282 Datasheet HTML 6Page - Analog Devices OP282 Datasheet HTML 7Page - Analog Devices OP282 Datasheet HTML 8Page - Analog Devices OP282 Datasheet HTML 9Page - Analog Devices OP282 Datasheet HTML 10Page - Analog Devices OP282 Datasheet HTML 11Page - Analog Devices OP282 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
OP282/OP482
REV. B
–10–
0
280
120
40
80
240
160
200
2000
-1600
-2000
1600
1200
800
400
0
-400
-800
-1200
V
– µV
OS
V = ±15V
S
T = +25°C
A
(630 OP AMPS )
315 OP282
×
Figure 23. VOS Distribution "P"
Package
0
280
120
40
80
240
160
200
2000
–1600
–2000
1600
1200
800
400
0
–400
–800
–1200
V
– µV
OS
VS = ±15V
TA = +25°C
(640 OP AMPS)
320
OP282
×
Figure 24. VOS Distribution "Z"
Package
0
600
700
300
100
200
400
500
32
4
0
28
24
20
16
12
8
TCV
– µV/°C
OS
1200 OP AMPS
VS = ±15V
-40°C TA +125°C
300
OP482
×
≤≤
Figure 27. OP482 TCVOS Distribution
"Z" Package
0
600
700
300
100
200
400
500
32
4
0
28
24
20
16
12
8
TCV
– µV/°C
OS
1200 OP AMPS
VS = ±15V
-40°C TA +85°C
300
OP482
×
≤≤
Figure 28. TCVOS Distribution "P"
Package
320
0
80
40
160
120
200
240
280
32
4
0
28
24
20
16
12
8
TCV
– µV/°C
OS
Figure 25. OP282 TCVOS (µV/°C)
Distribution "P" Package
320
0
80
40
160
120
200
240
280
32
4
0
28
24
20
16
12
8
TCV
– µV/°C
OS
Figure 26. OP282 TCVOS (µV/°C)
Distribution "Z" Package
0
600
700
300
100
200
400
500
2000
–1600
–2000
1600
1200
800
400
0
–400
–800
–1200
V
– µV
OS
TA = +25°C
VS = ±15V
1200 OP AMPS
300
OP482
Figure 30. OP482 VOS Distribution “P”
Package
V
– µV
OS
2000
–1600
–2000
1600
1200
800
400
0
–400
–800
–1200
0
600
700
300
100
200
400
500
TA = +25°C
VS = ±15V
1200 OP AMPS
300
OP482
Figure 29. OP482 VOS Distribution “Z”
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com