Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6147 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6147
Description  C MALE RESISTOR TERMINATION WITH CHAIN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6147 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6147 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE6147

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6140 PASTERNACK-PE6140 Datasheet
260Kb / 3P
50 Ohm 10 Watts Aluminum Heatsink TNC Female RF Load Up To 18 GHz
PE6140 PASTERNACK-PE6140 Datasheet
359Kb / 3P
10 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
PE6140 PASTERNACK-PE6140_17 Datasheet
359Kb / 3P
10 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
PE6141 PASTERNACK-PE6141 Datasheet
86Kb / 1P
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7 GHz
PE6142-50 PASTERNACK-PE6142-50 Datasheet
78Kb / 1P
TNC FEEDTHRU TERMINATION FREQUENCY RANGE: DC TO 1GHz
More results

Similar Description - PE6147

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6061-50 PASTERNACK-PE6061-50 Datasheet
79Kb / 1P
BNC MALE RESISTOR TERMINATION WITH CHAIN
PE6061-93 PASTERNACK-PE6061-93 Datasheet
79Kb / 1P
BNC MALE RESISTOR TERMINATION WITH CHAIN
PE6062-50 PASTERNACK-PE6062-50 Datasheet
78Kb / 1P
N MALE RESISTOR TERMINATION WITH CHAIN
PE6062-93 PASTERNACK-PE6062-93 Datasheet
78Kb / 1P
N MALE RESISTOR TERMINATION WITH CHAIN
PE6063-50 PASTERNACK-PE6063-50 Datasheet
79Kb / 1P
THE MALE RESISTOR TERMINATION WITH CHAIN
PE6063-93 PASTERNACK-PE6063-93 Datasheet
79Kb / 1P
TNC MALE RESISTOR TERMINATION WITH CHAIN
PE6067 PASTERNACK-PE6067 Datasheet
78Kb / 1P
75 OHM N MALE RESISTOR TERMINATION WITH CHAIN
PE6093 PASTERNACK-PE6093 Datasheet
79Kb / 1P
75 OHM BNC MALE RESISTOR TERMINATION WITH CHAIN
PE6061-75 PASTERNACK-PE6061-75 Datasheet
79Kb / 1P
BNC MALE RESISTOR TERMINATION WITH CHAIN
PE6062-75 PASTERNACK-PE6062-75 Datasheet
77Kb / 1P
N MALE RESISTOR TERMINATION WITH CHAIN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com