Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP295 Datasheet(PDF) 3 Page - Analog Devices

Part # OP295
Description  DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP295 Datasheet(HTML) 3 Page - Analog Devices

  OP295 Datasheet HTML 1Page - Analog Devices OP295 Datasheet HTML 2Page - Analog Devices OP295 Datasheet HTML 3Page - Analog Devices OP295 Datasheet HTML 4Page - Analog Devices OP295 Datasheet HTML 5Page - Analog Devices OP295 Datasheet HTML 6Page - Analog Devices OP295 Datasheet HTML 7Page - Analog Devices OP295 Datasheet HTML 8Page - Analog Devices OP295 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
30
300
µV
–40
°C ≤ T
A ≤ +125°C
800
µV
Input Bias Current
IB
VCM = 0 V
7
20
nA
VCM = 0 V, –40°C ≤ TA ≤ +125°C30
nA
Input Offset Current
IOS
VCM = 0 V
±1
±3nA
VCM = 0 V, –40°C ≤ TA ≤ +125°C
±5nA
Input Voltage Range
VCM
–15
+13.5
V
Common-Mode Rejection Ratio
CMRR
–15.0 V
≤ V
CM ≤ +13.5 V, –40°C ≤ TA ≤ +125°C
90
110
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ
1000
4000
V/mV
Offset Voltage Drift
∆V
OS/∆T
1
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
RL = 100 kΩ to GND
14.95
V
RL = 10 kΩ to GND
14.80
V
Output Voltage Swing Low
VOL
RL = 100 kΩ to GND
–14.95
V
RL = 10 kΩ to GND
–14.85
V
Output Current
IOUT
±15
±25
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ± 1.5 V to ± 15 V
90
110
dB
VS = ± 1.5 V to ± 15 V, –40°C ≤ TA ≤ +125°C85
dB
Supply Current
ISY
VO = 0 V, RL = ∞, VS = ± 18 V,
–40
°C ≤ T
A ≤ +125°C
175
µA
Supply Voltage Range
VS
+3 (
±1.5)
+36 (
±18)
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
0.03
V/
µs
Gain Bandwidth Product
GBP
85
kHz
Phase Margin
θ
O
83
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.25
µV p-p
Voltage Noise Density
en
f =1 kHz
45
nV/
√Hz
Current Noise Density
in
f = 1 kHz
<0.1
pA/
√Hz
Specifications subject to change without notice.
WAFER TEST LIMITS
Parameter
Symbol
Conditions
Limit
Units
Offset Voltage
Vos
300
µV max
Input Bias Current
IB
20
nA max
Input Offset Current
IOS
±2
nA max
Input Voltage Range
1
VCM
0 to +4
V min
Common-Mode Rejection Ratio
CMRR
0 V
≤ V
CM
≤ 4 V
90
dB min
Power Supply Rejection Ratio
PSRR
±1.5 V ≤ V
S ≤ ± 15 V
90
µV/V
Large Signal Voltage Gain
AVO
RL = 10 k
Ω
1000
V/mV min
Output Voltage Swing High
VOH
RL = 10 k
Ω
4.9
V min
Supply Current Per Amplifier
ISY
VOUT = 2.5 V, RL = ∞
150
µA max
NOTES
Electrical tests and wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed for standard
product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
1Guaranteed by CMRR test.
ORDERING GUIDE
OP295/OP495
REV. B
–3–
(@ VS =
±15.0 V, T
A = +25 C unless otherwise noted)
Temperature
Package
Package
Model
Range
Description
Option
OP295GP
–40
°C to +125°C 8-Pin Plastic DIP N-8
OP295GS
–40
°C to +125°C 8-Pin SOIC
SO-8
OP295GBC +25
°C
DICE
Temperature
Package
Package
Model
Range
Description
Option
OP495GP
–40
°C to +125°C 14-Pin Plastic DIP N-14
OP495GS
–40
°C to +125°C 16-Pin SOL
R-16
OP495GBC +25
°C
DICE
(@ VS = +5.0 V, VCM = 2.5 V, TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com