Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP295GS Datasheet(PDF) 5 Page - Analog Devices

Part # OP295GS
Description  DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP295GS Datasheet(HTML) 5 Page - Analog Devices

  OP295GS Datasheet HTML 1Page - Analog Devices OP295GS Datasheet HTML 2Page - Analog Devices OP295GS Datasheet HTML 3Page - Analog Devices OP295GS Datasheet HTML 4Page - Analog Devices OP295GS Datasheet HTML 5Page - Analog Devices OP295GS Datasheet HTML 6Page - Analog Devices OP295GS Datasheet HTML 7Page - Analog Devices OP295GS Datasheet HTML 8Page - Analog Devices OP295GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
–5–
Typical Characteristics–OP295/OP495
3.10
2.50
100
2.80
2.60
–25
2.70
–50
3.00
2.90
75
50
25
0
TEMPERATURE –
°C
R
L = 2k
V
S = +3V
R
L = 100k
R
L = 10k
Output Voltage Swing vs. Temperature
200
0
250
50
25
–200
–250
100
75
125
150
175
200
150
100
50
0
–50
–100
–150
V
S = +5V
T
A = +25°C
INPUT OFFSET VOLTAGE –
µV
BASED ON 600 OP AMPS
OP295 Input Offset (VOS) Distribution
250
0
3.2
75
25
0.4
50
0
150
100
125
175
200
225
2.8
2.4
2.0
1.6
1.2
0.8
BASED ON 600 OP AMPS
V
S = +5V
–40
° ≤ T
A ≤ +85°C
TC – VOS – µV/°C
OP295 TC–VOS Distribution
5.10
4.50
100
4.80
4.60
–25
4.70
–50
5.00
4.90
75
50
25
0
TEMPERATURE –
°C
V
S = +5V
R
L = 100k
R
L = 2k
R
L = 10k
Output Voltage Swing vs. Temperature
500
0
300
150
50
–50
100
–100
300
200
250
350
400
450
250
200
150
100
50
0
INPUT OFFSET VOLTAGE –
µV
V
S
= +5V
T
A
= +25
°C
BASED ON 1200 OP AMPS
OP495 Input Offset (VOS) Distribution
500
0
3.2
150
50
0.4
100
0
300
200
250
350
400
450
2.8
2.4
2.0
1.6
1.2
0.8
T
C
– V
OS
–
µV/°C
V
S
= +5V
–40
° ≤ T
A ≤
+85
°C
BASED ON 1200 OP AMPS
OP495 TC–VOS Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com