Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP471 Datasheet(PDF) 13 Page - Analog Devices

Part # OP471
Description  High Speed, Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP471 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP471 Datasheet HTML 8Page - Analog Devices OP471 Datasheet HTML 9Page - Analog Devices OP471 Datasheet HTML 10Page - Analog Devices OP471 Datasheet HTML 11Page - Analog Devices OP471 Datasheet HTML 12Page - Analog Devices OP471 Datasheet HTML 13Page - Analog Devices OP471 Datasheet HTML 14Page - Analog Devices OP471 Datasheet HTML 15Page - Analog Devices OP471 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
OP471
–13–
Low Phase Error Amplifier
The simple amplifier depicted in Figure 18 utilizes monolithic
matched operational amplifiers and a few resistors to substan-
tially reduce phase error compared to conventional amplifier
designs. At a given gain, the frequency range for a specified phase
accuracy is over a decade greater than for a standard single op
amp amplifier.
The low phase error amplifier performs second-order frequency
compensation through the response of op amp A2 in the feed-
back loop of A1. Both op amps must be extremely well matched
in frequency response. At low frequencies, the A1 feedback loop
forces V2/(K1 + 1) = VIN. The A2 feedback loop forces Vo/(K1 +1)
= V2/(K1 + 1) yielding an overall transfer function of VO/VIN =
K1 + 1. The dc gain is determined by the resistor divider at
the output, VO, and is not directly affected by the resistor divider
around A2. Note that similar to a conventional single op amp
amplifier, the dc gain is set by resistor ratios only. Minimum
gain for the low phase error amplifier is 10.
Figure 19 compares the phase error performance of the low
phase error amplifier with a conventional single op amp amplifier
and a cascaded two-stage amplifier. The low phase error amplifier
shows a much lower phase error, particularly for frequencies where
/
T < 0.1. For example, phase error of –0.1
∞ occurs at 0.002 / T
for the single op amp amplifier, but at 0.11 /
T for the low
phase error amplifier.
For more detailed information on the low phase error amplifier,
see Application Note AN-107.
R2
1/4
OP471E
A2
R1
VO = (K1 + 1) VIN
1/4
OP471E
A1
R1
K1
VO
R2
K1
VIN
R2 = R1
ASSUME: A1 AND A2 ARE MATCHED.
AO (s) =
T
s
V2
Figure 18. Low Phase Error Amplifier
FREQUENCY RATIO – 1/ ,
/ T
0
0.001
–1
–2
–3
–4
–5
0.01
0.1
1
0.005
0.05
0.5
–6
–7
SINGLE OP AMP
(CONVENTIONAL
DESIGN)
CASCADED
(TWO STAGES)
LOW-PHASE ERROR
AMPLIFIER
Figure 19. Phase Error Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com