Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP467GP Datasheet(PDF) 5 Page - Analog Devices

Part # OP467GP
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GP Datasheet(HTML) 5 Page - Analog Devices

  OP467GP Datasheet HTML 1Page - Analog Devices OP467GP Datasheet HTML 2Page - Analog Devices OP467GP Datasheet HTML 3Page - Analog Devices OP467GP Datasheet HTML 4Page - Analog Devices OP467GP Datasheet HTML 5Page - Analog Devices OP467GP Datasheet HTML 6Page - Analog Devices OP467GP Datasheet HTML 7Page - Analog Devices OP467GP Datasheet HTML 8Page - Analog Devices OP467GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP467
REV. C
–5–
80
30
–20
1k
10k
100M
10M
1M
100k
40
50
60
70
–10
0
10
20
0
90
180
FREQUENCY – Hz
GAIN
PHASE
VS = 15V
RL = 1M
CL = 30pF
Figure 2. Open-Loop Gain, Phase vs. Frequency
80
40
–20
100k
100M
10M
1M
10k
20
0
60
FREQUENCY – Hz
VS = 15V
TA = +25 C
Figure 3. Closed-Loop Gain vs. Frequency
25
0
20
15
5
5
10
0
20
15
10
SUPPLY VOLTAGE – Volts
TA = +125 C
TA = +25 C
TA = –55 C
Figure 4. Open-Loop Gain vs. Supply Voltage
100
60
0
1k
100k
10k
100
40
20
80
FREQUENCY – Hz
VS = 15V
TA = +25 C
1M
AVCL = +100
AVCL = +10
AVCL = +1
Figure 5. Closed-Loop Output Impedance vs. Frequency
0.0
100k
1M
10M
–0.1
–0.2
–0.3
0.1
0.2
0.3
FREQUENCY – Hz
3.4
5.8
VS = 5
VS = 15
Figure 6. Gain Linearity vs. Frequency
30
15
0
10k
10M
1M
100k
1k
10
5
20
25
FREQUENCY – Hz
AVCL = –1
AVCL = +1
VS = 15V
TA = +25 C
RL = 2k
Figure 7. Max VOUT Swing vs. Frequency
Typical Performance Characteristics–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com