Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP210N75F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP210N75F6
Description  N-channel 75 V, 3 mΩ, 120 A TO-220 STripFET™VI DeepGATE??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP210N75F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP210N75F6 Datasheet HTML 1Page - STMicroelectronics STP210N75F6 Datasheet HTML 2Page - STMicroelectronics STP210N75F6 Datasheet HTML 3Page - STMicroelectronics STP210N75F6 Datasheet HTML 4Page - STMicroelectronics STP210N75F6 Datasheet HTML 5Page - STMicroelectronics STP210N75F6 Datasheet HTML 6Page - STMicroelectronics STP210N75F6 Datasheet HTML 7Page - STMicroelectronics STP210N75F6 Datasheet HTML 8Page - STMicroelectronics STP210N75F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May 2011
Doc ID 018507 Rev 1
1/13
13
STP210N75F6
N-channel 75 V, 3 m
Ω, 120 A TO-220
STripFET™ VI DeepGATE™ Power MOSFET
Features
■ Low gate charge
■ Very low on-resistance
■ High avalanche ruggedness
Application
Switching applications
Description
This product is a 75 V N-channel STripFET™ VI
Power MOSFET based on the ST’s proprietary
STripFET™ technology, with a new gate structure.
The resulting Power MOSFET exhibits the lowest
RDS(on) in all packages.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on) max
ID
STP210N75F6
75 V
< 3.7 m
Ω
120 A
TO-220
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP210N75F6
210N75F6
TO-220
Tube
www.st.com


Similar Part No. - STP210N75F6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP210N75F6 ISC-STP210N75F6 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP210N75F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI260N6F6 STMICROELECTRONICS-STI260N6F6 Datasheet
756Kb / 14P
N-channel 60 V, 0.0024 Ω, 120 A STripFET™VI DeepGATE??Power MOSFET in TO-220 and I²PAK packages
13-Jan-2012
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
06-Dec-2012
STP110N55F6 STMICROELECTRONICS-STP110N55F6 Datasheet
409Kb / 11P
N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
18-Jul-2011
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
17-May-2011
STD78N75F4 STMICROELECTRONICS-STD78N75F4 Datasheet
493Kb / 12P
N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in TO-220 package
24-Jul-2012
STI360N4F6 STMICROELECTRONICS-STI360N4F6 Datasheet
183Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
08-Aug-2012
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
13-Aug-2012
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com