Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP493ES Datasheet(PDF) 13 Page - Analog Devices

Part # OP493ES
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP493ES Datasheet(HTML) 13 Page - Analog Devices

Back Button OP493ES Datasheet HTML 8Page - Analog Devices OP493ES Datasheet HTML 9Page - Analog Devices OP493ES Datasheet HTML 10Page - Analog Devices OP493ES Datasheet HTML 11Page - Analog Devices OP493ES Datasheet HTML 12Page - Analog Devices OP493ES Datasheet HTML 13Page - Analog Devices OP493ES Datasheet HTML 14Page - Analog Devices OP493ES Datasheet HTML 15Page - Analog Devices OP493ES Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
OP193/OP293/OP493
REV. A
–13–
From the formulas, it can be seen that if the span trim is ad-
justed before the zero trim, the two trims are not interactive,
which greatly simplifies the calibration procedure.
Calibration of the transmitter is simple. First, the slope of the
output current versus temperature is calibrated by adjusting the
span trim, R7. A couple of iterations may be required to be sure
the slope is correct.
Once the span trim has been completed, the zero trim can be
made. Remember that adjusting the zero trim will not affect the
gain.
The zero trim can be set at any known temperature by adjusting
R5 until the output current equals:
IOUT =
∆I
FS
∆T
OPERATING


(TAMBIENT − TMIN) + 4 mA
Table I shows the values of R6 required for various temperature
ranges.
Table I. R6 Values vs. Temperature
Temp Range
R6
0
°C to +70°C
10 k
Ω
–40
°C to +85°C
6.2 k
Ω
–55
°C to +150°C3 kΩ
A Micropower Voltage Controlled Oscillator
An OP293 in combination with an inexpensive quad CMOS
analog switch forms the precision VCO of Figure 34. This cir-
cuit provides triangle and square wave outputs and draws only
50
µA from a single 5 V supply. A1 acts as an integrator; S1
switches the charging current symmetrically to yield positive and
negative ramps. The integrator is bounded by A2 which acts as
a Schmitt trigger with a precise hysteresis of 1.67 volts, set by
resistors R5, R6, and R7, and associated CMOS switches. The
resulting output of A1 is a triangle wave with upper and lower
levels of 3.33 and 1.67 volts. The output of A2 is a square wave
with almost rail-to-rail swing. With the components shown, fre-
quency of operation is given by the equation:
fOUT = VCONTROL (Volts)
× 10 Hz/V
but this can easily be changed by varying C1. The circuit oper-
ates well up to 500 Hz.
8
4
1/2 OP293
1
2
3
R3
100k
Ω
VCONTROL
R4
200k
Ω
TRIANGLE
OUT
A1
+5V
R1
200k
Ω
R2
200k
Ω
1/2 OP293
6
5
7
A2
SQUARE
OUT
+5V
R6
200k
Ω
R7
200k
Ω
S3
S4
S1
1 IN/OUT
2 OUT/IN
CONT 12
OUT/IN
10
3 OUT/IN
S2
CONT 13
4 IN/OUT
6 CONT
5 CONT
7
VSS
IN/OUT
8
IN/OUT 11
OUT/IN
9
VDD
14
+5V
+5V
CD4066
R8
200k
Ω
+5V
R5
200k
Ω
C1
75nF
Figure 34. Micropower Voltage Controlled Oscillator
A Micropower, Single-Supply Quad Voltage Output 8-Bit
DAC
The circuit of Figure 35 uses the DAC8408 CMOS quad 8-bit
DAC and the OP493 to form a single-supply quad voltage out-
put DAC with a supply drain of only 140
µA. The DAC8408 is
used in the voltage switching mode and each DAC has an out-
put resistance (
≈10 kΩ) independent of the digital input code.
The output amplifiers act as buffers to avoid loading the DACs.
The 100 k
Ω resistors ensure that the OP493 outputs will swing
to within 1/2 LSB of ground, i.e.:
1
2
×
1.23 V
256
= 3 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com