Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP497GP Datasheet(PDF) 11 Page - Analog Devices

Part # OP497GP
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497GP Datasheet(HTML) 11 Page - Analog Devices

Back Button OP497GP Datasheet HTML 4Page - Analog Devices OP497GP Datasheet HTML 5Page - Analog Devices OP497GP Datasheet HTML 6Page - Analog Devices OP497GP Datasheet HTML 7Page - Analog Devices OP497GP Datasheet HTML 8Page - Analog Devices OP497GP Datasheet HTML 9Page - Analog Devices OP497GP Datasheet HTML 10Page - Analog Devices OP497GP Datasheet HTML 11Page - Analog Devices OP497GP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. D
OP497
–11–
* Node assignments
*
noninverting input
*
inverting input
*
positive supply
*
negative supply
*
output
*
*SUBCKT OP497 1
2
99
50 27
*
* INPUT STAGE AND POLE AT 6 MHz
*
RIN1 1
7
2500
RIN2 2
8
2500
R1
8
3
6.782E8
R2
7
3
6.782E8
R3
5
99
542.57
R4
6
99
542.57
CIN 7
8
3E-12
C2
5
6
24.445E-12
I1
4
50
0.1E-3
IOS
7
8
15E-12
EOS 9
7
POLY(1) 16
21 40E-6
1
Q1
5810
QX
Q2
6911
QX
R5
10
4
25.374
R6
11
4
25.374
D1
89DX
D2
98DX
*
EREF 98
0
21
0
1
*
*GAIN STAGE AND DOMINANT POLE AT 0.11 Hz
*
R7
1
98
2.1703E9
C3
2
98
666.67E-12
G1
98
12
5
V1
99
13
1.275
V2
11
9
1.275
D3
12
13
DX
D4
14
12
DX
*
*COMMON-MODE GAIN NETWORK WITH ZERO AT 50 MHz
*
RCM1 15
16
1E6
CCM
15
16
3.18E-9
RCM2 16
98
1
ECM
15
98
3
21
177.83E-3
* NEGATIVE ZERO AT 1.8 MHz
*
E1
17
98
12
21
1E6
R8
17
18
1E6
C4
17
18
–88.419E-15
R9
18
98
1
*
* POLE AT 6 MHz
*
G2
98
19
18
21
1E-6
R15
20
98
1E6
C8
20
98
26.526E-15
*
* POLE AT 1.8 MHz
*
G6
98
20
19
21
1E-6
R20
20
98
1E6
C10
20
98
88.419E-15
*
* OUTPUT STAGE
*
R16
99
21
160 k
R17
21
50
160 k
ISY
99
50
331E-6
V3
23
22
1.9
D5
20
23
DX
V4
22
24
1.9
D6
24
20
DX
D7
99
25
DX
G4
25
50
20
22
5E-3
D9
50
25
DY
D8
99
26
DX
G5
26
50
22
20
5E-3
D10
50
26
DY
G6
22
99
99
20
5E-3
R18
99
22
200
G7
50
22
20
50
5E-3
R19
22
50
200
L1
22
27
0.1E-6
*
* MODELS USED
*
.MODEL QX NPN (BF = 1.25E6)
.MODEL DX (IS = 1E-15)
.MODEL DZ D(IS = 1E-15 BV = 50)
.ENDS OP497
Table I. OP497 SPICE Net-List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com