Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP493FS Datasheet(PDF) 15 Page - Analog Devices

Part # OP493FS
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP493FS Datasheet(HTML) 15 Page - Analog Devices

Back Button OP493FS Datasheet HTML 8Page - Analog Devices OP493FS Datasheet HTML 9Page - Analog Devices OP493FS Datasheet HTML 10Page - Analog Devices OP493FS Datasheet HTML 11Page - Analog Devices OP493FS Datasheet HTML 12Page - Analog Devices OP493FS Datasheet HTML 13Page - Analog Devices OP493FS Datasheet HTML 14Page - Analog Devices OP493FS Datasheet HTML 15Page - Analog Devices OP493FS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
OP193/OP293/OP493
REV. A
–15–
7
RFBB
C2
0.1µF
VINB
3
RFBA
C1
0.1µF
VINA
VOUTA
1/4 OP493
A
2
3
11
1
4
VREFA
IOUT2A/2B
1
DAC A
1/4
DAC8408
DAC B
1/4
DAC8408
DAC D
1/4
DAC8408
VOUTB
1/4 OP493
B
5
7
8
VREFB
VOUTC
9
8
25
VOUTD
12
14
OP493
13
R4
10M
Ω
23
IOUT1D
DAC DATA BUS
PINS 9(LSB)–16(MSB)
22
RFBD
C4
0.1µF
VIN D
+5V
17
18
19
20
A/B
R/W
DS1
DS2
DAC8408ET
DIGITAL
CONTROL
SIGNALS
28
DGND
4
+2.5V
REFERENCE
VOLTAGE
IOUT1C
IOUT2C/2D
VREFD
21
24
R3
10M
Ω
1/4 OP493
C
10
26
RFBC
C3
0.1µF
VINC
DAC C
1/4
DAC8408
R2
10M
Ω
27
IOUT1B
VREFC
IOUT1A
R1
10M
Ω
6
VDD
2
1/4 OP493
D
6
5
Figure 36. Single-Supply Micropower Quad Programmable-Gain Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com