Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP08 Datasheet(PDF) 4 Page - Analog Devices

Part # SMP08
Description  Octal Sample-and-Hold with Multiplexed Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP08 Datasheet(HTML) 4 Page - Analog Devices

  SMP08 Datasheet HTML 1Page - Analog Devices SMP08 Datasheet HTML 2Page - Analog Devices SMP08 Datasheet HTML 3Page - Analog Devices SMP08 Datasheet HTML 4Page - Analog Devices SMP08 Datasheet HTML 5Page - Analog Devices SMP08 Datasheet HTML 6Page - Analog Devices SMP08 Datasheet HTML 7Page - Analog Devices SMP08 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
–4–
INPUT VOLTAGE – Volts
1800
1200
600
01
10
23
4
5
6
7
8
9
1600
1400
1000
800
VDD = +12V
VSS = 0V
TA = +125°C
NO LOAD
Figure 3. Droop Rate vs. Input Voltage
VDD – Volts
7
6
3
10
11
18
12
13
14
15
16
17
5
4
VSS = 0V
T A = +25°C
NO LOAD
–SR
+SR
Figure 6. Slew Rate vs. VDD
INPUT VOLTAGE – Volts
4
–10
01
10
23
4
5
6
7
8
9
2
0
–2
–4
–6
–8
VDD = +12V
VSS = 0V
TA = –40°C
NO LOAD
RL =
RL = 20kΩ
RL = 10kΩ
Figure 9. Offset Voltage vs. Input
Voltage
INPUT VOLTAGE – Volts
3
0
–3
01
10
23
4
5
6
7
8
9
2
1
–1
–2
VDD = +12V
VSS = 0V
TA = +25°C
NO LOAD
Figure 2. Droop Rate vs. Input Voltage
TEMPERATURE –
°C
2
–4
–55
–35
85
–15
5
254565
1
0
–1
–2
–3
VDD = +12V
VSS = 0V
VIN = +5V
NO LOAD
Figure 5. Hold Step vs. Temperature
INPUT VOLTAGE – Volts
20
5
–20
01
10
23
4
5
6
7
8
9
15
10
–5
–15
0
–10
VDD = +12V
VSS = 0V
TA = +85°C
NO LOAD
RL =
RL = 20kΩ
RL = 10kΩ
Figure 8. Offset Voltage vs. Input
Voltage
REV. D
SMP08–Typical Performance Characteristics
TEMPERATURE –
°C
1000
100
0.1
–55 –35
125
–15
5
25
65
85
105
45
10
1
VDD = +12V
VSS = 0V
VIN = +5V
RL = 10kΩ
Figure 1. Droop Rate vs. Temperature
INPUT VOLTAGE – Volts
2
–1
–4
01
10
23
4
5
6
7
8
9
1
0
–2
–3
VDD = +12V
VSS = 0V
TA = +25°C
NO LOAD
Figure 4. Hold Step vs. Input Voltage
INPUT VOLTAGE – Volts
4
–10
01
10
23
4
5
6
7
8
9
2
0
–2
–4
–6
–8
VDD = +12V
VSS = 0V
TA = +25°C
NO LOAD
RL =
RL = 20kΩ
RL = 10kΩ
Figure 7. Offset Voltage vs. Input
Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com