Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2120 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2120
Description  Dynamic Range Processors/Dual VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 5 Page - Analog Devices

  SSM2120 Datasheet HTML 1Page - Analog Devices SSM2120 Datasheet HTML 2Page - Analog Devices SSM2120 Datasheet HTML 3Page - Analog Devices SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SSM2120/SSM2122
REV. C
–5–
The decay rates are linear ramps that are dependent on the
current out of the LOG AV pin (set by RREF) and the value of
CAV. The integration or decay time of the circuit is derived from
the formula:
Decrementation Rate (in dB/s) =
IREF × 333
CAV
Table I. Settling Time (tS) for CAV = 10 F. tS = tS (CAV = 10 F)
5 dB
3 dB
2 dB
1 dB
10 dB Step
11.28 ms
21.46
30.19
46.09
20 dB Step
16.65
26.83
35.56
51.46
30 dB Step
18.15
28.33
37.06
52.96
40 dB Step
18.61
27.79
37.52
53.42
50 dB Step
(+144
µs)
60 dB Step
(+46
µs)
APPLICATIONS
The following applications for the SSM2120 use both the VCAs
and level detectors in conjunction to assimilate a variety of
functions.
The first section describes the arrangement of the threshold
control in each control circuit configuration. These control
circuits form the foundation for the applications to follow which
include the downward expander, compressor/limiter and
compandor.
THRESHOLD CONTROL
Figure 6a shows the control circuit for a typical downward
expander while Figure 6b shows a typical control curve. Here,
the threshold potentiometer adjusts VT to provide a negative
unipolar control output. This is typically used in noise gate,
downward expander, and dynamic filter applications. This
potentiometer is used in all applications to control the signal
level versus control voltage characteristics.
10
0%
100
90
1s
2V
Figure 4. Detector Output
10
0%
100
90
2V
50ms
Figure 5. Overlayed Detector Output
DYNAMIC ATTACK AND DECAY RATES
Figure 5 shows the output levels overlayed using a storage
scope. The attack rate is determined by the step size and the
value of CAV. The attack time to final value is a function of the
step size increase. Table I shows the values of total settling
times to within 5 dB, 3 dB, 2 dB and 1 dB of final value with
CAV = 10 µF. When step sizes exceed 40 dB, the increase in
settling time for larger steps is negligible. To calculate the attack
time to final value for any value of CAV, simply multiply the
value in the chart by CAV/10 µF.
VIN – dB
+
–
*LOWER LIMIT CAN BE FIXED
BY CONNECTING A RESISTOR
RLL FROM RECIN TO GROUND
THRESHOLD
*
2V
|IIN|
V+
V–
CONOUT
RECIN
39k
Ω
200
Ω
RCON
TO +VC
RIN
MONO
OR R
CAV
RLL
RT
THRESHOLD
CONTROL
LOG AV
RIN
L
MONO – RIN = 10kΩ
STEREO – RIN = 20kΩ
V–
1.5M
Ω
1k
Ω
V–
VT
a. Control Circuit
b. Typical Downward Expander
Control Curve
Figure 6. Noise Gate/Downward Expander Control Circuit and Typical Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com