Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLH5 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PLH5
Description  PCB terminal block, Nominal current: 41 A, Nom. voltage: 1000 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLH5 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PLH5 Datasheet HTML 1Page - PHOENIX CONTACT PLH5 Datasheet HTML 2Page - PHOENIX CONTACT PLH5 Datasheet HTML 3Page - PHOENIX CONTACT PLH5 Datasheet HTML 4Page - PHOENIX CONTACT PLH5 Datasheet HTML 5Page - PHOENIX CONTACT PLH5 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLH 5/ 2-7,5-ZF Order No.: 1792106
http://catalog.phoenixcontact.net/phoenix/treeViewClick.do?UID=1792106
PHOENIX CONTACT GmbH & Co. KG
Page 2 / 6
http://www.phoenixcontact.com
Feb 21, 2013
Pin spacing
10 mm
Hole diameter
2 mm
Technical data
Range of articles
PLH 5/
Insulating material group
I
Rated surge voltage (III/3)
8 kV
Rated surge voltage (III/2)
8 kV
Rated surge voltage (II/2)
8 kV
Rated voltage (III/3)
1000 V
Rated voltage (III/2)
1000 V
Rated voltage (II/2)
1000 V
Nominal current IN
41 A
Nominal cross section
6 mm²
Insulating material
PA
Inflammability class according to UL 94
V0
Stripping length
12 mm
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
6 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.2 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
6 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.2 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
6 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
10
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
2.5 mm²



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com