Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2166 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 4 Page - Analog Devices

  SSM2166 Datasheet HTML 1Page - Analog Devices SSM2166 Datasheet HTML 2Page - Analog Devices SSM2166 Datasheet HTML 3Page - Analog Devices SSM2166 Datasheet HTML 4Page - Analog Devices SSM2166 Datasheet HTML 5Page - Analog Devices SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SSM2166
REV. A
–4–
0
–80
–80
0
–70
–60
–50
–40
–30
–20
–10
–10
–40
–50
–60
–70
–20
–30
TA = +25°C
V+ = 5V
VIN = 300mV rms @ 1kHz
RL = 100k
NOISE GATE SETTING
550µV rms
ROTATION POINT
300mV rms
GAIN ADJUST (PIN 2) = 1.25k
COMP RATIO = 1:1
COMP RATIO = 2:1
COMP RATIO = 5:1
COMP RATIO = 10:1
COMP RATIO = 15:1
INPUT – dBu
INPUT – dBu
Figure 3. Output vs. Input Characteristics
RGATE – k
10
1
0.1
0
450
50 100
350 400
150 200 250 300
500 550 600 650
100
TA = +25°C
V+ = 5V
RL = 100k
COMPRESSION RATIO = 2:1
ROTATION POINT
1V rms
GAIN ADJUST (PIN 2) = 1.25k
Figure 4. Noise Gate vs. RGATE (Pin 9 to V+)
COMPRESSION
RATIO
ROTATION POINT
1:1
2:1
5:1
10:1
15:1
100mV rms
0
300mV rms
0
1V rms
0
12.5
12.5
12.5
96
96
96
215
215
215
395
395
395
RCOMP – k , TYPICAL
Figure 5. Compression Ratio vs. RCOMP (Pin 10 to GND)
GAIN ADJUST RESISTOR – k
20
6
0
026
2
4
6
8
10 12 14
16 18
20 22 24
18
8
4
2
14
10
16
12
28
30
TA = +25°C
V+ = 5V
RL = 100k
VIN = 100mV rms @ 1kHz
NOISE GATE SETTING
550 V rms
ROTATION POINT (PIN 11)
1V rms
COMPRESSION RATIO = 1:1
Figure 6. VCA Gain vs. RGAIN (Pin 2 to GND)
INPUT VOLTAGE – V rms
5
1
0.1
0.01
1
0.1
0.05
RL = 10k
RL = 100k
TA = +25°C
V+ = 5V
COMPRESSION RATIO = 1:1
NOISE GATE SETTING
550 V rms
ROTATION POINT
1V rms
GAIN ADJUST (PIN 2) = 1.25k
VIN FREQUENCY = 1kHz
Figure 7. THD+N (%) vs. Input (V rms)
FREQUENCY – Hz
5
1
0.1
20
30k
100
0.05
1k
10k
TA = +25°C
V+ = 5V
VIN = 77.5mV rms @ 1kHz
COMPRESSION RATIO = 1:1
NOISE GATE SETTING
550 V rms
ROTATION POINT
1V rms
GAIN ADJUST (PIN 2) = 1.2k
MEASUREMENT FILTER BW : 22Hz TO 30kHz
Figure 8. THD+N (%) vs. Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com