Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2161S Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2161S
Description  6- and 4-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2161S Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2161S Datasheet HTML 3Page - Analog Devices SSM2161S Datasheet HTML 4Page - Analog Devices SSM2161S Datasheet HTML 5Page - Analog Devices SSM2161S Datasheet HTML 6Page - Analog Devices SSM2161S Datasheet HTML 7Page - Analog Devices SSM2161S Datasheet HTML 8Page - Analog Devices SSM2161S Datasheet HTML 9Page - Analog Devices SSM2161S Datasheet HTML 10Page - Analog Devices SSM2161S Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SSM2160/SSM2161
–7–
REV. 0
FREQUENCY – kHz
022
2
4
6
8
10 12
14 16 18 20
0
–70
–140
–10
–60
–80
–90
–30
–50
–20
–40
–120
–110
–100
–130
TA = 25°C
VS = ±12V
VIN = 0dBu @ 1kHz
RL = 100kΩ
MASTER = 20dB
CHANNEL = 0dB
Figure 9a. THS vs. Frequency (FFT)
INPUT AMPLITUDE – Vrms
0.1
0.010
0.05
5
0.1
1
0.001
TA = +25°C
VS = ±12V
SMPTE 4:1
IM-FREQ 60Hz/7kHz
RL = 100kΩ
0.0001
Figure 10. SMPTE IM vs. Amplitude
V rms
FREQUENCY – kHz
022
2
4
6
8
10 12 14 16 18 20
0
–70
–140
–10
–60
–80
–90
–30
–50
–20
–40
–120
–110
–100
–130
TA = 25°C
VS = ±12V
VIN = –31dBu @ 1Hz
RL = 100KΩ
MASTER = 0dB
CHANNEL = 0dB
9b. THD vs. Frequency (FFT)
FREQUENCY – kHz
022
2
4
6
8
1012 14 161820
0
–70
–140
–10
–60
–80
–90
–30
–50
–20
–40
–120
–110
–100
–130
TA = 25°C
VS = ±12V
RL = 100kΩ
A MASTER = 0dB
CHANNEL = +31dB
B MASTER/CHANNEL = 0dB
B
A
Figure 11. Noise Floor FFT
SUPPLY VOLTAGE – Volts
±4
±13
±6
±7 ±8 ±9 ±10 ±11 ±12
±5
25
22
15
21
20
19
23
24
18
17
16
Figure 13. ISY vs. VS
FREQUENCY – kHz
022
2468
10 12 14 16 18
20
0
–70
–140
–10
–60
–80
–90
–30
–50
–20
–40
–120
–110
–100
–130
TA = 25°C
VS = ±12V
VIN = –31dBu @ 1kHz
RL = 100kΩ
MASTER = 0dB
CHANNEL = 31dB
Figure 9c. THD vs. Frequency (FFT)
FREQUENCY – Hz
–20
–60
20
30k
100
1k
10k
–30
–40
–50
–100
–70
–80
–90
PSR–
PSR+
TA = +25°C
VS = ±6V ± 10%
LPF = <22kHz
MASTER = 0dB
CHANNEL = 0dB
Figure 12. PSR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com