Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2211 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2211
Description  Low Distortion 1.5 Watt Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2211 Datasheet HTML 8Page - Analog Devices SSM2211 Datasheet HTML 9Page - Analog Devices SSM2211 Datasheet HTML 10Page - Analog Devices SSM2211 Datasheet HTML 11Page - Analog Devices SSM2211 Datasheet HTML 12Page - Analog Devices SSM2211 Datasheet HTML 13Page - Analog Devices SSM2211 Datasheet HTML 14Page - Analog Devices SSM2211 Datasheet HTML 15Page - Analog Devices SSM2211 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SSM2211
REV. 0
–12–
For an application where R1 = 10 k
Ω and C
C = 0.22 µF, the
midrail bypass capacitor, CB, should be at least 0.1
µF to mini-
mize start-up popping noise.
SSM2211 Amplifier Design Example
Given:
Maximum Output Power
1 W
Input Impedance
20 k
Ω
Load Impedance
8
Ω
Input Level
1 V rms
Bandwidth
20 Hz – 20 kHz
± 0.25 dB
The configuration shown in Figure 39 will be used. The first
thing to determine is the minimum supply rail necessary to ob-
tain the specified maximum output power. From Figure 43, for
1 W of output power into an 8
Ω load, the supply voltage must
be at least 4.6 V. A supply rail of 5 V can be easily obtained
from a voltage reference. The extra supply voltage will also al-
low the SSM2211 to reproduce peaks in excess of 1 W without
clipping the signal. With VDD = 5 V and RL =8
Ω, Equation 9
shows that the maximum power dissipation for the SSM2211 is
633 mW. From the power derating curve in Figure 28, the am-
bient temperature must be less than +85
°C.
The required gain of the amplifier can be determined from
Equation 17:
A
PR
V
V
LL
IN rms
==
,
.
28
(17)
From Equation 1,
R
R
A
FV
12
=
, or RR
F =×
14
1
.
. Since the de-
sired input impedance is 20 k
Ω, R1=20kΩ and R2 = 28 kΩ.
The final design step is to select the input capacitor. Because add-
ing an input capacitor, CC, high pass filter, the corner frequency
needs to be far enough away for the design to meet the bandwidth
criteria. For a 1st order filter to achieve a passband response
within 0.25 dB, the corner frequency should be at least 4.14 times
away from the passband frequency. So, (4.14
fHP) < 20 Hz.
Using Equation 2, the minimum size of input capacitor can be
found:
C
k
Hz
C >
Ω
()


1
220
20
414
π
.
(18)
So CC > 1.65
µF. Using a 2.2 µF is a practical choice for C
C.
The gain-bandwidth product for each internal amplifier in the
SSM2211 is 4 MHz. Because 4 MHz is much greater than
4.14
20 kHz, the design will meet the upper frequency band-
width criteria. The SSM2211 could also be configured for higher
differential gains without running into bandwidth limitations.
Equation 16 shows an appropriate value for CB to reduce start-
up popping noise:
C
Fk
k
F
B >
µ
() Ω
()
Ω
=µ
22
20
25
176
.
.
(19)
Selecting CB to be 2.2 µF for a practical value of capacitor will
minimize start-up popping noise.
To summarize the final design:
VDD
5V
R1
20 k
Ω
RF
28 k
Ω
CC
2.2
µF
CB
2.2
µF
Max. TA
+85
°C
Single Ended Applications
There are applications where driving a speaker differentially is
not practical. An example would be a pair of stereo speakers
where the minus terminal of both speakers is connected to
ground. Figure 45 shows how this can be accomplished.
SSM2211
AUDIO
INPUT
250mW
SPEAKER
(8 )
10k
+5V
2
7
1 8
5
6
4
3
0.1 F
0.47 F
470 F
10k
Figure 45. A Single Ended Output Application
It is not necessary to connect a dummy load to the unused output
to help stabilize the output. The 470
µF coupling capacitor cre-
ates a high pass frequency cutoff as given in Equation 4 of 42 Hz,
which is acceptable for most computer speaker applications.
The overall gain for a single ended output configuration is
AV = RF/R1, which for this example is equal to 1.
Driving Two Speakers Single Endedly
It is possible to drive two speakers single endedly with both out-
puts of the SSM2211.
SSM2211
AUDIO
INPUT
RIGHT
SPEAKER
(8 )
20k
+5V
2
7
1 8
5
6
4
3
0.1 F
1 F
470 F
20k
LEFT
SPEAKER
(8 )
470 F
Figure 46. SSM2211 Used as a Dual Speaker Amplifier
Each speaker is driven by a single ended output. The trade-off
is that only 250 mW sustained power can be put into each
speaker. Also, a coupling capacitor must be connected in series
with each of the speakers to prevent large DC currents from
flowing through the 8
Ω speakers. These coupling capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com