Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2275P Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2275P
Description  Rail-to-Rail Output Audio Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2275P Datasheet(HTML) 5 Page - Analog Devices

  SSM2275P Datasheet HTML 1Page - Analog Devices SSM2275P Datasheet HTML 2Page - Analog Devices SSM2275P Datasheet HTML 3Page - Analog Devices SSM2275P Datasheet HTML 4Page - Analog Devices SSM2275P Datasheet HTML 5Page - Analog Devices SSM2275P Datasheet HTML 6Page - Analog Devices SSM2275P Datasheet HTML 7Page - Analog Devices SSM2275P Datasheet HTML 8Page - Analog Devices SSM2275P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FREQUENCY – Hz
100
80
–40
10
1M
100
1k
10k
100k
60
40
20
0
–20
10M 40M
225
180
–90
135
90
45
0
–45
VS = 15V
RL = 2k
CL = 10pF
Figure 3. Phase/Gain vs. Frequency
FREQUENCY – Hz
100
80
–40
10
1M
100
1k
10k
100k
60
40
20
0
–20
10M 40M
225
180
–90
135
90
45
0
–45
VS = 15V
RL = 600
CL = 10pF
Figure 4. Phase/Gain vs. Frequency
FREQUENCY – Hz
2.0
1.8
0.2
10
10k
100
1k
1.6
1.4
0.6
1.2
1.0
0.8
0.4
VS = 15V
TA = 25 C
Figure 5. SSM2275 Current Noise Density vs. Frequency
FREQUENCY – Hz
60
50
0
10
100k
100
1k
10k
40
30
10
20
VS = 15V
TA = 25 C
Figure 6. SSM2275 Voltage Noise Density (Typical)
FREQUENCY – Hz
140
120
0
100
30M
1k
10k
1M
10M
100
80
60
40
20
VS = 15V
TA = 25 C
Figure 7. Common-Mode Rejection vs. Frequency
FREQUENCY – Hz
140
120
0
100
10M
1k
10k
1M
100
80
60
40
20
VS = 15V
TA = 25 C
Figure 8. Power Supply Rejection vs. Frequency
Typical Characteristics–SSM2275/SSM2475
REV. A
–5–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com