Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2M65 Datasheet(PDF) 2 Page - SL Power Electronics

Part # G2M65
Description  G2M65-X, where X is any number from 12 through 48, which represents the output voltage rating.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

G2M65 Datasheet(HTML) 2 Page - SL Power Electronics

  G2M65 Datasheet HTML 1Page - SL Power Electronics G2M65 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISOLATION: The creepage distance between primary and secondary circuits is 8 mm minimum. The
required creepage and clearance distances from primary circuits to secondary circuits must be
maintained after installation to preserve the intended safety.
TEMPERATURES: The maximum operating temperatures of certain safety components, as defined in
the applicable safety standards, must not be exceeded after installation to preserve the intended safety.
The output power, ambient air temperature and the availability, amount, direction and/or restriction of
airflow influence the temperatures of these components.
OVERCURRENT PROTECTION: The internal fuse for circuit protection is located in the phase lead
only. If a fuse is added to the neutral side or external dual fuses are provided, the fuse ratings must not
exceed that specified for the internal fuse, must meet the requirements of EN 60601-1, and be acceptable
for the country in which the host equipment is to be installed.
WARNING! RISK OF FIRE! A blown internal fuse is an indication of catastrophic failure of circuit
component(s). Refer to fuse marking on the supply for rating. Repair must be performed by Condor
authorized personnel.
WARNING! SHOCK HAZARD! Dangerous voltages are present on some components, printed wiring
traces and heatsinks.
Attention, Consult
Accom panying Docum ents
Alternating Current
Attention, Dangerous Voltages
EXPLANATIO N O F SYM BO LS
Direct Current
C O N N E C T I O N S
J1 Pin
AC Input
J2 Pin
DC Output
MATING CONNECTORS
1
Line
1
Output (+)
J1
Amp Housing 640250-3 Contact 770476-1
3
Neutral
2
Output (+)
J2
Amp Housing 640250-6 Contact 770476-1
3
Output (+)
J3
Amp MTA-100 Receptacle
J3 Pin
4
Return
1
+ Sense
5
Return
CAUTION: Do not exceed 5 A per pin on J2.
2
- Sense
6
Return
SL Power Electronics, Corp. Inc. will not be liable for the safety, reliability or performance of these power supplies if a) any changes, modifications or repairs are carried out by other
than authorized agents of SL Power Electronics Corp., or b) the installation of the supply is not in accordance with these installation instructions and the applicable UL, CSA, and
EN/IEC safety standards.
41-35405-0001 Rev. C 6/8/06
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com