Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP35FT9 Datasheet(PDF) 5 Page - Analog Devices

Part # TMP35FT9
Description  Low Voltage Temperature Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP35FT9 Datasheet(HTML) 5 Page - Analog Devices

  TMP35FT9 Datasheet HTML 1Page - Analog Devices TMP35FT9 Datasheet HTML 2Page - Analog Devices TMP35FT9 Datasheet HTML 3Page - Analog Devices TMP35FT9 Datasheet HTML 4Page - Analog Devices TMP35FT9 Datasheet HTML 5Page - Analog Devices TMP35FT9 Datasheet HTML 6Page - Analog Devices TMP35FT9 Datasheet HTML 7Page - Analog Devices TMP35FT9 Datasheet HTML 8Page - Analog Devices TMP35FT9 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. C
TMP35/TMP36/TMP37
–5–
SUPPLY VOLTAGE – V
40
30
0
20
10
50
07
12
3
4
56
TA = 25°C, NO LOAD
8
TPC 7. Supply Current vs. Supply Voltage
TEMPERATURE – C
40
30
0
20
10
50
50
125
25
0
25
50
75
100
a. V+ = 5V
b. V+ = 3V
NO LOAD
a
b
TPC 8. Supply Current vs. Temperature (Shutdown = 0 V)
TEMPERATURE – C
400
300
0
200
100
50
125
25
0
25
50
75
100
= V+ AND SHUTDOWN PINS
LOW TO HIGH (0V TO 3V)
VOUT SETTLES WITHIN ±1°C
= V+ AND SHUTDOWN PINS
HIGH TO LOW (3V TO 0V)
TPC 9. VOUT Response Time for V+ Power-Up/Power-
Down vs. Temperature
TEMPERATURE – C
400
300
0
200
100
50
125
25
0
25
50
75
100
= SHUTDOWN PIN
HIGH TO LOW (3V TO 0V)
= SHUTDOWN PIN
LOW TO HIGH (0V TO 3V)
VOUT SETTLES WITHIN ±1°C
TPC 10. VOUT Response Time for Shutdown Pin vs.
Temperature
TIME – µs
0
1.0
0.8
0.6
0.4
0.2
50
250
0
100
50
150
200
300
350
400
450
0
1.0
0.8
0.6
0.4
0.2
V+ = 3V
SHUTDOWN =
SIGNAL
TA = 25 C
V+ AND SHUTDOWN =
TA = 25 C
SIGNAL
TPC 11. VOUT Response Time to Shutdown and V+
Pins vs. Time
TIME – sec
70
0
60
50
40
30
20
10
80
90
100
110
0
100
200
300
400
500
600
a
b
c
VIN = 3V, 5V
a. TMP35 SOIC SOLDERED TO 0.5" x 0.3" Cu PCB
b. TMP36 SOIC SOLDERED TO 0.6" x 0.4" Cu PCB
c. TMP35 TO-92 IN SOCKET SOLDERED TO
1" x 0.4" Cu PCB
TPC 12. Thermal Response Time in Still Air



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com