Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9230 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9230
Description  50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9230 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9230 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9230 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9230 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
Configuration
Connector 1
BNC Male
Impedance 1
50 Ohms
Connector 2
SMB Plug
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.27 [32.26]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
BNC Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMB Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Male to 75 Ohm SMB Plug Adapter PE9230
PE9230
PE9230 REV


Similar Part No. - PE9230

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9233 PASTERNACK-PE9233 Datasheet
77Kb / 1P
BNC MALE TO 75 OHM SMC JACK
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9235 PASTERNACK-PE9235 Datasheet
77Kb / 1P
BNC FEMALE TO 75 OHM SMC JACK
More results

Similar Description - PE9230

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9616 PASTERNACK-PE9616 Datasheet
253Kb / 2P
75 Ohm Mini SMB Plug to BNC Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE34703 PASTERNACK-PE34703 Datasheet
392Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703-36 PASTERNACK-PE34703-36 Datasheet
394Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-48 PASTERNACK-PE34703-48 Datasheet
394Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF PASTERNACK-PE34703LF Datasheet
398Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com