Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS236 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS236
Description  VOLTAGE REFERENCE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS236 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS236 Datasheet HTML 1Page - Advanced Monolithic Systems AMS236 Datasheet HTML 2Page - Advanced Monolithic Systems AMS236 Datasheet HTML 3Page - Advanced Monolithic Systems AMS236 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS236/AMS336
Monolithic
VOLTAGE REFERENCE DIODE
Systems
FEATURES
APPLICATIONS
•• Low Temperature Coefficient
•• Power Supplies
•• Wide Operating Current Range
•• Instrumentation
•• Guaranteed Temperature Stability
•• 8 Bit A/D, D/A Reference
•• Max. 0.6Ω
Ω Dynamic Impedance (A grade)
•• Current Loop Measurement and Control Systems
•• ±1% Initial Tolerance Available
•• Reference for 5V Systems
GENERAL DESCRIPTION
The AMS236/AMS336 are precision band-gap voltage reference diodes. These voltage reference features a very low dynamic
impedance and good temperature coefficient, operating over a wide current range of 400µA to 10mA. On-chip trimming is
used to provide tight tolerance and minimize temperature drift. A third terminal allows the reference voltage to be trimmed
±5%.
The AMS236/AMS336 are used as a precision 2.5V low voltage reference for digital voltmeters, power supplies or op amp
circuitry, and the 2.5V make it easy to obtain a stable reference from 5V logic supplies.
The AMS236 is rated for operation over -25
°C to +85°C while the AMS336 is rated over a 0°C to 70°C temperature range.
The AMS236/AMS336 are available in TO-92 and SO-8 packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
TO-92
8 LEAD SOIC
TEMPERATURE RANGE
±
25mV
AMS236AN
AMS236AS
-25
°C to +85°C
±
50mV
AMS236BN
AMS236BS
-25
°C to +85°C
±
50mV
AMS336AN
AMS336AS
0
°C to 70°C
±
100mV AMS336BN
AMS336BS
0
°C to 70°C
PIN CONNECTIONS
TO-92
8L SOIC
Plastic Package (N)
SO Package (S)
1
2
3
Bottom View
1
2
8
4
3
7
5
6
N/C ADJ
N/C
N/C N/C
N/C
+
-
Top View


Similar Part No. - AMS236

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS236 ADMOS-AMS236 Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
AMS236AN ADMOS-AMS236AN Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
AMS236AS ADMOS-AMS236AS Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
AMS236BN ADMOS-AMS236BN Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
AMS236BS ADMOS-AMS236BS Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
More results

Similar Description - AMS236

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1009 ADMOS-AMS1009 Datasheet
35Kb / 4P
VOLTAGE REFERENCE DIODE
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
Micropower Voltage Reference Diode
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
Micropower Voltage Reference Diode
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS1009 ADMOS-AMS1009_05 Datasheet
41Kb / 4P
VOLTAGE REFERENCE DIODE
AMS236 ADMOS-AMS236_05 Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com