Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS26 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS26
Description  VOLTAGE DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS26 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS26 Datasheet HTML 1Page - Advanced Monolithic Systems AMS26 Datasheet HTML 2Page - Advanced Monolithic Systems AMS26 Datasheet HTML 3Page - Advanced Monolithic Systems AMS26 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS26
TIME CHART
OUTPUT DELAY TIME
TEST CIRCUITS
Detector Threshold Test Circuit
Output Current Test Circuit
Detector Threshold Hysteresis
Released Voltage
Detected Voltage
Minimum Operating Voltage
GND
GND
Supply Voltage
(V
DD)
Output Voltage
(OUT)
t
PLH
A
B
AMS26A
SERIES
V
DET
V
DD
GND
OUT
R
V
SS
V
DD
V
SS
100k
Ω
AMS26A
SERIES
+V
DS
V
DD
GND
OUT
I
OUT
V
SS
V
DD
V
SS
Supply Voltage
(V
DD)
Output Voltage
(OUT)
GND
GND
3.5V
7.0V
1.2V
+V
DET +2.0V
t
PHL
t
PHL
A
B
Output Delay Time tPHL is defined as the time period from Time A
through Time B, when the time at which a pulse voltage that increases
from 1.2V to +VDET+2.0V is applied to VDD is Time A, and the time at
which the output reaches 3.5V under the conditions that the output pin
(OUT) is pulled up to 7V by a resistor of 100k
Ω is Time B.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com