Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS285 Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS285
Description  ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS285 Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS285 Datasheet HTML 1Page - Advanced Monolithic Systems AMS285 Datasheet HTML 2Page - Advanced Monolithic Systems AMS285 Datasheet HTML 3Page - Advanced Monolithic Systems AMS285 Datasheet HTML 4Page - Advanced Monolithic Systems AMS285 Datasheet HTML 5Page - Advanced Monolithic Systems AMS285 Datasheet HTML 6Page - Advanced Monolithic Systems AMS285 Datasheet HTML 7Page - Advanced Monolithic Systems AMS285 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS285/AMS385
TYPICAL APPLICATIONS (Continued)
Bidirectional Clamp
±± 2.4V
Bidirectional Adjustable Clamp
±± 1.8V to ±± 2.4V
Bidirectional Adjustable Clamp
±± 2.4V to ±± 6V
TYPICAL PERFORMANCE CHARACTERISTICS
R3
510k
R2
510k
+
-
FB
AMS385
R1
V
IN
D1
1N457
-
+
AMS385
D2
1N457
FB
V
OUT
I
R4
390k
R3
510k
R2
510k
+
-
FB
AMS385
R1
V
IN
D1
1N457
-
+
AMS385
D2
1N457
FB
V
OUT
I
R3
1M
R2
330k
+
-
FB
AMS385
R1
V
IN
D1
1N457
-
+
AMS385
D2
1N457
FB
V
OUT
I
R4
330k
T
Y
TEMPCO
∆
∆
=
0
-5
AMS285 Typical Temperature Coefficient
-10
0
25
50
75
100 125
TEMPERATURE (° C)
-50
-25
∆T
∆Y
0
-5
-10
0
25
70
TEMPERATURE (° C)
∆T
∆Y
AMS385 Typical Temperature Coefficient
80
-40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com