Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS385 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS385
Description  ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS385 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS385 Datasheet HTML 1Page - Advanced Monolithic Systems AMS385 Datasheet HTML 2Page - Advanced Monolithic Systems AMS385 Datasheet HTML 3Page - Advanced Monolithic Systems AMS385 Datasheet HTML 4Page - Advanced Monolithic Systems AMS385 Datasheet HTML 5Page - Advanced Monolithic Systems AMS385 Datasheet HTML 6Page - Advanced Monolithic Systems AMS385 Datasheet HTML 7Page - Advanced Monolithic Systems AMS385 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS285/AMS385
Monolithic
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
Systems
FEATURES
APPLICATIONS
•• Adjustable from 1.24V to 5.30V
•• Battery Powered Systems
•• Operating Current 10µµA to 20mA
•• Instrumentation
•• 1% and 2% Initial Tolerance
•• A/D, D/A Converters
•• 1Ω
Ω Dynamic Impedance
•• Temperature measurement
•• Low Temperature Coefficient
•• Current sources
•• 1.2V Device and 2.5V Device also available
•• Notebook/Personal Computer
AMS285-1.2 and AMS285-2.5 series, respectively
•• Monitors/ VCR/ TV
AMS385-1.2 and AMS385-2.5 series.
•• Pagers
GENERAL DESCRIPTION
The AMS285/AMS385 are three-terminal micropower band-gap voltage reference diodes. They feature a very low dynamic
impedance and good temperature coefficient, operating from 1.24V to 5.3V and over a 10µA to 20mA current range. On-chip
trimming is used to provide tight voltage tolerance. Since the AMS285/AMS385 is a band-gap reference, uses only transistors
and resistors, low noise and good long-term stability result. Careful design of the AMS285/AMS385 has made the device
exceptionally tolerant of capacitive loading, making it easy to use in almost any reference application. The wide dynamic
operating range allows its use with widely varying supplies with excellent regulation. The extremely low power drain of the
AMS285/AMS385 makes these reference diodes useful for micropower circuitry. These voltage references can be used to
make portable meters, regulators or general purpose analog circuitry with battery life approaching shelf life.
Further more, the wide operating current allows it to replace older references with a tight tolerance part.
The AMS285 is operational in the full industrial temperature range of -40
°C to 85°C while AMS385 is operating over a 0°C
to 70
°C temperature range. The AMS285/AMS385 are available in TO-92, SO-8 and SOT-89 packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
TO-92
8 LEAD SOIC
SOT-89
TEMPERATURE RANGE
±
12mV
AMS285AN
AMS285AS
AMS285AL
-40 to 85
° C
±
25mV
AMS285BN
AMS285BS
AMS285BL
-40 to 85
° C
±
25mV
AMS285CN
AMS285CS
AMS285CL
-40 to 85
° C
±
12mV
AMS385AN
AMS385AS
AMS385AL
0 to 70
° C
±
25mV
AMS385BN
AMS385BS
AMS385BL
0 to 70
° C
±
25mV
AMS385CN
AMS385CS
AMS385CL
0 to 70
° C


Similar Part No. - AMS385

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS385-1.2 ADMOS-AMS385-1.2 Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-1.2AL ADMOS-AMS385-1.2AL Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-1.2AN ADMOS-AMS385-1.2AN Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-1.2AS ADMOS-AMS385-1.2AS Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-1.2BL ADMOS-AMS385-1.2BL Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
More results

Similar Description - AMS385

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
Micropower Voltage Reference Diode
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
logo
Analog Intergrations Co...
LM385B AIC-LM385B Datasheet
124Kb / 7P
Adjustable Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100 ADMOS-AMS3100 Datasheet
61Kb / 6P
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS285 ADMOS-AMS285_05 Datasheet
74Kb / 8P
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com