Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLC75B Datasheet(PDF) 1 Page - SL Power Electronics

Part # GLC75B
Description  75 Watt Multiple Output Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC75B Datasheet(HTML) 1 Page - SL Power Electronics

  GLC75B Datasheet HTML 1Page - SL Power Electronics GLC75B Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ac Input
90-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at 120 Vac, 60 Hz with full rated output load not to
exceed 2.3 A.
Output Power
Normal continuous output power is 75 W for unrestricted natural convection
cooling or 110 W with 26 cfm airflow. During peak load conditions output
regulation may exceed total regulation and noise limits.
Output Regulation
Measured by ±40% load change from 60% rated load with all other outputs
at 60% rated load and input voltage change from minimum to maximum rat-
ings. Output #1 requires 1A minimum load for proper regulation of other
outputs. Initial set tolerance is measured with all outputs at 60% of full rated
load. Output #2 requires 0.5A minimum load for proper regulation.
Overload Protection
Factory set to begin power limiting at approximately 120 W. Fully protected
against short circuit and output overload. Short circuit protection is cycling
type power limit.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential mode. Measured with
noise probe directly across output terminals of the power supply.
Transient Response
Main Output: 500μSec typical response time for return to within 0.5% of final
value for a 50% load step change, ∆i/∆t<0.2A/μSec. Maximum voltage devia-
tion is 3.5%.
Overvoltage Protection
Built in on V1 with firing point set per table. OVP firing reduces output #1 and
#2 to less than 50% of nominal voltage in 50 ms.
Voltage Adjust
Factory set on standard unit; however, optional potentiometer (“-V” suffix)
adjusts voltage from 4.7 V to OVP point (6.2 V nominal) on the +5 V output.
Note: Output #1 must not be more than 1% below nominal to achieve full
output voltage range on Output #2. Output regulation limits in some models
may be exceeded when the main output is adjusted beyond +1% of nominal
voltage. High voltage settings may degrade the reliability of the unit due to
excessive power dissipation in some outputs.
Efficiency
68% -78% depending on model and load distribution.
Input Protection
Internal ac fuse provided on all units. Designed to blow only if a catastrophic
failure occurs in the unit.
Inrush Current
Inrush limited by internal thermistors. Inrush at 240 Vac, averaged over the first ac
half-cycle under cold start conditions will not exceed 37 A.
Hold Up Time
20 ms minimum from loss of ac input power at full load, nominal line (120 Vac).
Temperature Coefficient
0.03%/°C typical on all outputs.
Power Fail
A standard TTL or CMOS compatible output goes low (< 0.5 V) 5ms before output
voltage drops more than 4% below nominal voltage upon loss of ac power. Signal
is factory set to trip on 84 to 94 Vac brown-out depending upon incoming line
impedance and distortion. Other settings are available through adjustment of
built-in potentiometer (consult factory for assistance). Output will stay low for 20
ms minimum.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following emissions requirements:
GLC75 Commercial/GLM75 Medical
• Cost-effective multiple output power source
• Universal input 90-264 Vac
• 7.00”x 4.25”x 1.30” (Meets 1U height)
• 2-year warranty
• Conducted EMI exceeds FCC Class B and CISPR 22
Class B (Commercial models) and CISPR 11 Class B
(Medical models)
• Complies with EN61000-3-2 Class A
• Also available in single output versions
• Commercial UL1950 3rd Edition, CSA22.2 No. 950 and
EN60950-1 approvals
• Medical Approved to UL2601-1,
CSA22.2 No. 601.1-M90, and IEC/EN60601-1
• RoHS Compliant Model Available (G suffix)
GLOBAL PERFORMANCE SWITCHERS
FEATURES:
SPECIFICATIONS
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions GLC75
Conducted Emissions GLM75
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
Line Frequency Harmonics
EN55022 Class B; FCC Class B
EN55011 Class B: FCC Class B
EN61000-4-2, 6 kV contact, 8 kV air
EN61000-4-3, 3 V/meter
EN61000-4-4, 2 kV, 5 kHz
EN61000-4-5, 1 kV diff., 2 kV com.
EN61000-3-2 Class A
Commercial Safety
All GLC models are approved to UL1950 3rd Edition, CSA22.2 No. 950, and
EN60950-1.
Medical Leakage Current
70 μA 264 V @ 50 Hz (normal conditions).
Medical Safety
GLM models are approved to UL2601-1, CSA22.2 No. 601.1M90, IEC/EN60601-1. CB
Report available.
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
75 Watt Multiple Output Global Performance Switchers


Similar Part No. - GLC75B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC75B SLPOWER-GLC75B Datasheet
321Kb / 2P
75 Watt Multiple Output Global Performance Switchers
More results

Similar Description - GLC75B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
GPC80 SLPOWER-GPC80 Datasheet
332Kb / 2P
80 Watt Global Single and Multiple Output Performance Switchers
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
160 Watt Global Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
75 Watt Single Output Global Performance Switchers
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLC65H SLPOWER-GLC65H Datasheet
310Kb / 2P
65 Watt Multiple Output Global Performance Switchers
GLM65 SLPOWER-GLM65 Datasheet
310Kb / 2P
65 Watt Multiple Output Global Performance Switchers
GLM75 SLPOWER-GLM75 Datasheet
321Kb / 2P
75 Watt Multiple Output Global Performance Switchers
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com