Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS385-12CS Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS385-12CS
Description  MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS385-12CS Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS385-12CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS385-12CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS385-12CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS385-12CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS385-12CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS385-12CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS385-12CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS385-12CS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS285-1.2/AMS385-1.2
ABSOLUTE MAXIMUM RATINGS
Reverse Current
30mA
Storage temperature
-55
°C to +150°C
Forward Current
10mA
Soldering information
Operating Temperature Range
TO-92 package: 10 sec.
260
°C
AMS285-1.2
-40
°C to 85°C
SOIC package: Vapor phase (60 sec)
215
°C
AMS385-1.2
0
°C to 70°C
Infrared (15 sec.)
220
°C
SOT-89 package: 10 sec.
265
°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100
µA, and T
A = +25°C unless otherwise specified.
Parameter
Conditions
AMS285A-1.2
Min
Typ
Max
AMS285B-1.2
Min
Typ
Max
AMS285C-1.2
Min
Typ
Max
Units
Reverse Breakdown
Voltage (Note 4)
IR - 100 µA
1.231
1.235
1.239
1.223
1.235
1.247
1.205
1.235
1.260
V
Reverse Dynamic
Impedance (Note 4)
IR - 100 µA, f =20Hz
0.2
0.60
1
1
Ω
Reverse Breakdown
Voltage Change with
current (Note 4)
10
µA ≤IR ≤1mA
1mA
≤IR ≤20mA
1.0
10
1.0
10
1.0
20
mV
Min. Operating
Current (Note 4)
8
10
20
8
10
20
8
15
25
µA
µA
Wide Band Noise
(Note 5)
IR - 100 µA,
10Hz
≤ f ≤ 10kHz
60
60
60
µV
Temperature Coeff.
(Note 6)
25
50
100
150
ppm/°C
Long Term Stability
(Note 5)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100
µA, and T
A = +25°C unless otherwise specified.
Parameter
Conditions
AMS385A-1.2
Min
Typ
Max
AMS385B-1.2
Min
Typ
Max
AMS385C-1.2
Min
Typ
Max
Units
Reverse Breakdown
Voltage (Note 4)
IR - 100 µA
1.231
1.235
1.239
1.223
1.235
1.247
1.205
1.235
1.260
V
Reverse Dynamic
Impedance (Note 4)
IR - 100 µA, f =20Hz
0.2
0.60
1
1
Ω
Reverse Breakdown
Voltage Change with
Current (Note 4)
10
µA ≤IR ≤1mA
1mA
≤IR ≤20mA
1.0
10
1.0
20
1.0
20
mV
Min. Operating
Current (Note 4)
8
10
20
8
10
20
8
15
25
µA
µA
Wide Band Noise
(Note 5)
IR - 100 µA,
10Hz
≤ f ≤ 10kHz
60
60
60
µV
Temperature Coeff.
(Note 6)
25
50
100
150
ppm/°C
Long Term Stability
(Note 5)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com