Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9340 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9340
Description  MHV Male to SHV Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9340 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9340 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9340 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MHV Male to SHV Plug Adapter
Configuration
Connector 1
MHV Male
Impedance 1
50 Ohms
Connector 2
SHV Plug
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.61 [40.89]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
MHV Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SHV Plug
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mhv-male-shv-plug-straight-adapter-pe9340-p.aspx
MHV Male to SHV Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
MHV Male to SHV Plug Adapter
PE9340
PE9340 REV


Similar Part No. - PE9340

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9341 PASTERNACK-PE9341 Datasheet
104Kb / 1P
MINI UHF FEMALE TO BNC MALE
PE9342 PASTERNACK-PE9342 Datasheet
233Kb / 2P
Mini UHF Male to BNC Female Adapter
PE9343 PASTERNACK-PE9343 Datasheet
241Kb / 2P
Mini UHF Female to Mini UHF Female Adapter
PE9344 PASTERNACK-PE9344 Datasheet
250Kb / 3P
UHF Female to Mini UHF Male Adapter
logo
Pletronics, Inc.
PE9344DEV PLETRONICS-PE9344DEV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE9340

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9265 PASTERNACK-PE9265 Datasheet
238Kb / 2P
MHV Female to SHV Plug Adapter
PE9335 PASTERNACK-PE9335 Datasheet
232Kb / 2P
MHV Male to SHV Jack Adapter
PE9339 PASTERNACK-PE9339 Datasheet
238Kb / 2P
MHV Female to SHV Jack Adapter
PE34407 PASTERNACK-PE34407 Datasheet
269Kb / 1P
CABLE ASSEMBLY RG225/U MHV MALE TO SHV PLUG
PE33516 PASTERNACK-PE33516 Datasheet
268Kb / 1P
CABLE ASSEMBLY RG214/U MHV MALE TO SHV PLUG
PE33516 PASTERNACK-PE33516 Datasheet
268Kb / 1P
CABLE ASSEMBLY RG214/U MHV MALE TO SHV PLUG
PE33984 PASTERNACK-PE33984 Datasheet
270Kb / 1P
CABLE ASSEMBLY, RG393/U, MHV MALE TO SHV PLUG
PE34411 PASTERNACK-PE34411 Datasheet
104Kb / 1P
CABLE ASSEMBLY, RG223/U, MHV MALE TO SHV PLUG
PE34415 PASTERNACK-PE34415 Datasheet
269Kb / 1P
CABLE ASSEMBLY, RG188A/U, MHV MALE TO SHV PLUG
PE34419 PASTERNACK-PE34419 Datasheet
268Kb / 1P
CABLE ASSEMBLY, RG174A/U, MHV MALE TO SHV PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com