Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS317ACT-285 Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS317ACT-285
Description  1A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS317ACT-285 Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS317ACT-285 Datasheet HTML 1Page - Advanced Monolithic Systems AMS317ACT-285 Datasheet HTML 2Page - Advanced Monolithic Systems AMS317ACT-285 Datasheet HTML 3Page - Advanced Monolithic Systems AMS317ACT-285 Datasheet HTML 4Page - Advanced Monolithic Systems AMS317ACT-285 Datasheet HTML 5Page - Advanced Monolithic Systems AMS317ACT-285 Datasheet HTML 6Page - Advanced Monolithic Systems AMS317ACT-285 Datasheet HTML 7Page - Advanced Monolithic Systems AMS317ACT-285 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS317
Table 1.
COPPER AREA
THERMAL RESISTANCE
TOP SIDE*
BACK SIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500 Sq. mm
2500 Sq. mm
2500 Sq. mm
45
°C/W
1000 Sq. mm
2500 Sq. mm
2500 Sq. mm
45
°C/W
225 Sq. mm
2500 Sq. mm
2500 Sq. mm
53
°C/W
100 Sq. mm
2500 Sq. mm
2500 Sq. mm
59
°C/W
1000 Sq. mm
1000 Sq. mm
1000 Sq. mm
52
°C/W
1000 Sq. mm
0
1000 Sq. mm
55
°C/W
* Tab of device attached to topside copper.
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Operating Current
(Adjustable Device)
Short-Circuit Current
Load Regulation
Ripple Rejection vs. Current
0
5
10
15
20
0
3
6
9
12
INPUT/OUTPUT DIFFERENTIAL (V)
0
5
10
15
INPUT/OUTPUT DIFFERENTIAL
0
0.25
0.50
0.75
1.00
1.25
-50
-25
0
25
50
75
100
125
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
T
J = 125°C
T
J = 25°C
f
RIPPLE = 120Hz
f
RIPPLE = 20Hz
V
RIPPLE≤3Vp-p
V
RIPPLE≤0.5Vp-p
∆ I
LOAD = 1A
V
OUT = 5V
C
ADJ = 25 µF
C
OUT = 25 µF
T
J = 25°C
T
J =
125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com