Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-252 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-252
Description  Intel짰 Pentium짰 M/Celeron짰 M Socket 478 Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-252 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-252_12 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-252_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
AIMB-252
Ordering Information
Part Number
CPU
Chipset DDR2
GbE COM LVDS
AIMB-252VG-M0A1E ULV Celeron M
600 MHz
910GMLE 400
1
5
1
AIMB-252VG-S0A1E ULV Celeron M
1 GHz
910GMLE 400
1
5
1
AIMB-252G2-00A1E -
915GME
400/533 2
5
1
Packing List
Description
Quantity
AIMB-252 SBC
1
IDE HDD cable (40-pin)
1
SATA HDD cable
2
SATA power cable
2
Serial port cable 1-to-2
2
CPU cooler
1
I/O port bracket
1
Startup manual
1
Driver CD
1
I/O View
AIMB-252G2-00A1E
AIMB-252VG-M0A1E
AIMB-252VG-S0A1E
Optional Accessories
Part Number
Description
1700003195
USB cable with two ports, 17.5 cm
1700002204
USB cable with two ports, 27 cm
1700008461
USB cable with four ports, 30.5 cm
Embedded OS/API
OS/API
Part No.
Description
Win XPE
2070006673
XPE FP2007 AIMB-252 V3.01 ENG
2070003985
XPE FP2007 AIMB-252 V3.1 ENG
2070005149
XPE FP2007 AIMB-252 V3.5 JPN_ENG
Software API
205E000021
SUSI 3.0 SW API for AIMB-252 XP
ICH6M
Fintek
F81216D
4 RS-232
LPC
FWH
BIOS
Super I/O Winbond
W83627DHG-A
1 RS-232/422/485,WDT, PS/2
Intel 910GMLE/
915GME GMCH
Intel Socket 478
Pentium M/Celeron M
Processor
DDR2 400/533
DDR2 400/533
Channel A
Channel B
CRT
CRT
18-bit LVDS
1st LVDS
2nd LVDS
24-bit LVDS via SDVOB
1 ATA 100 Port or
CF Type II
2 SATA ports
8 USB Ports
Realtek Audio Codec
ALC655
150 MB/s
DMA 33/66/100
USB 2.0/1.1
AC-97 Link
GbE LAN1:
RTL 8111C
GbE LAN2:
RTL 8111C
PCI
PCIe x1
PCIe x1
32-bit/33MHz PCI Bus
16-bit GPIO



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com